Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1AGX35EF484I6N Datasheet(PDF) 64 Page - Altera Corporation

Part # EP1AGX35EF484I6N
Description  The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX35EF484I6N Datasheet(HTML) 64 Page - Altera Corporation

Back Button EP1AGX35EF484I6N Datasheet HTML 60Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 61Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 62Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 63Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 64Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 65Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 66Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 67Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 68Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 234 page
background image
2–58
Chapter 2: Arria GX Architecture
Digital Signal Processing Block
Arria GX Device Handbook, Volume 1
© December 2009
Altera Corporation
f For more information about TriMatrix memory, refer to the TriMatrix Embedded
Memory Blocks in Arria GX Devices chapter.
Digital Signal Processing Block
The most commonly used DSP functions are finite impulse response (FIR) filters,
complex FIR filters, infinite impulse response (IIR) filters, fast Fourier transform (FFT)
functions, direct cosine transform (DCT) functions, and correlators. All of these use
the multiplier as the fundamental building block. Additionally, some applications
need specialized operations such as multiply-add and multiply-accumulate
operations. Arria GX devices provide DSP blocks to meet the arithmetic requirements
of these functions.
Each Arria GX device has two to four columns of DSP blocks to efficiently implement
DSP functions faster than ALM-based implementations. Each DSP block can be
configured to support up to:
Eight 9 × 9-bit multipliers
Four 18 × 18-bit multipliers
One 36 × 36-bit multiplier
L4
datain_a[56..42]
byteena_a[5..4]
dataout_a[59..48]
L5
datain_a[71..57]
byteena_a[7..6]
dataout_a[71..60]
R0
datain_b[14..0]
byteena_b[1..0]
dataout_b[11..0]
R1
datain_b[29..15]
byteena_b[3..2]
dataout_b[23..12]
R2
datain_b[35..30]
addressb[4..0]
addr_ena_b
clock_b
clocken_b
renwe_b
aclr_b
dataout_b[35..24]
R3
addressb[15..5]
datain_b[41..36]
dataout_b[47..36]
R4
datain_b[56..42]
byteena_b[5..4]
dataout_b[59..48]
R5
datain_b[71..57]
byteena_b[7..6]
dataout_b[71..60]
Table 2–12. M-RAM Row Interface Unit Signals (Part 2 of 2)
Unit Interface Block
Input Signals
Output Signals


Similar Part No. - EP1AGX35EF484I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX35EF484I6N ALTERA-EP1AGX35EF484I6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
EP1AGX35EF484I6N ALTERA-EP1AGX35EF484I6N Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
More results

Similar Description - EP1AGX35EF484I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ARRIAGX ALTERA-ARRIAGX Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
logo
Texas Instruments
TLK3104SA TI-TLK3104SA Datasheet
549Kb / 40P
[Old version datasheet]   QUAD 3.125 Gbps SERIAL TRANSCEIVER
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
logo
Microsemi Corporation
LX3302 MICROSEMI-LX3302 Datasheet
379Kb / 2P
   The LX3302 is the second member of Microsemi’s new family of smart sensor interface products
Rev. 1.0
logo
STMicroelectronics
AN4207 STMICROELECTRONICS-AN4207 Datasheet
310Kb / 28P
   The STM32F37x series of microcontrollers combines
logo
Texas Instruments
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
[Old version datasheet]   3.125 Gbps Differential Buffer
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
logo
National Semiconductor ...
DS25BR150_0711 NSC-DS25BR150_0711 Datasheet
397Kb / 12P
   3.125 Gbps LVDS Buffer
logo
Texas Instruments
DS25BR150 TI1-DS25BR150_14 Datasheet
791Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com