Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1AGX35EF484I6N Datasheet(PDF) 51 Page - Altera Corporation

Part # EP1AGX35EF484I6N
Description  The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX35EF484I6N Datasheet(HTML) 51 Page - Altera Corporation

Back Button EP1AGX35EF484I6N Datasheet HTML 47Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 48Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 49Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 50Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 51Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 52Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 53Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 54Page - Altera Corporation EP1AGX35EF484I6N Datasheet HTML 55Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 234 page
background image
Chapter 2: Arria GX Architecture
2–45
MultiTrack Interconnect
© December 2009
Altera Corporation
Arria GX Device Handbook, Volume 1
R24 row interconnects span 24 LABs and provide the fastest resource for long row
connections between LABs, TriMatrix memory, DSP blocks, and row IOEs. The R24
row interconnects can cross M-RAM blocks. R24 row interconnects drive to other row
or column interconnects at every fourth LAB and do not drive directly to LAB local
interconnects. R24 row interconnects drive LAB local interconnects via R4 and C4
interconnects. R24 interconnects can drive R24, R4, C16, and C4 interconnects. The
column interconnect operates similarly to the row interconnect and vertically routes
signals to and from LABs, TriMatrix memory, DSP blocks, and IOEs. Each column of
LABs is served by a dedicated column interconnect.
These column resources include:
Shared arithmetic chain interconnects in a LAB
Carry chain interconnects in a LAB and from LAB to LAB
Register chain interconnects in a LAB
C4 interconnects traversing a distance of four blocks in up and down direction
C16 column interconnects for high-speed vertical routing through the device
Arria GX devices include an enhanced interconnect structure in LABs for routing
shared arithmetic chains and carry chains for efficient arithmetic functions. The
register chain connection allows the register output of one ALM to connect directly to
the register input of the next ALM in the LAB for fast shift registers. These
ALM-to-ALM connections bypass the local interconnect. The Quartus II Compiler
automatically takes advantage of these resources to improve utilization and
performance. Figure 2–40 shows shared arithmetic chain, carry chain, and register
chain interconnects.
Figure 2–39. R4 Interconnect Connections
(Note 1), (2), (3)
Notes to Figure 2–39:
(1) C4 and C16 interconnects can drive R4 interconnects.
(2) This pattern is repeated for every LAB in the LAB row.
(3) The LABs in Figure 2–39 show the 16 possible logical outputs per LAB.
Primary
LAB (2)
R4 Interconnect
Driving Left
Adjacent LAB can
Drive onto Another
LAB's R4 Interconnect
C4 and C16
Column Interconnects (1)
R4 Interconnect
Driving Right
LAB
Neighbor
LAB
Neighbor


Similar Part No. - EP1AGX35EF484I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX35EF484I6N ALTERA-EP1AGX35EF484I6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
EP1AGX35EF484I6N ALTERA-EP1AGX35EF484I6N Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
More results

Similar Description - EP1AGX35EF484I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ARRIAGX ALTERA-ARRIAGX Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
logo
Texas Instruments
TLK3104SA TI-TLK3104SA Datasheet
549Kb / 40P
[Old version datasheet]   QUAD 3.125 Gbps SERIAL TRANSCEIVER
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
logo
Microsemi Corporation
LX3302 MICROSEMI-LX3302 Datasheet
379Kb / 2P
   The LX3302 is the second member of Microsemi’s new family of smart sensor interface products
Rev. 1.0
logo
STMicroelectronics
AN4207 STMICROELECTRONICS-AN4207 Datasheet
310Kb / 28P
   The STM32F37x series of microcontrollers combines
logo
Texas Instruments
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
[Old version datasheet]   3.125 Gbps Differential Buffer
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
logo
National Semiconductor ...
DS25BR150_0711 NSC-DS25BR150_0711 Datasheet
397Kb / 12P
   3.125 Gbps LVDS Buffer
logo
Texas Instruments
DS25BR150 TI1-DS25BR150_14 Datasheet
791Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com