Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3411 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SK3411
Description  DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3411 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SK3411 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3411 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3411 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3411 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SK3411
No.7175-2/4
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
60
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
9A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
36
A
Allowable Power Dissipation
PD
1W
Tc=25
°C15
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0
60
V
Zero-Gate Voltage Drain Current
IDSS
VDS=60V, VGS=0
10
µA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0
±10
µA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
1.0
2.4
V
Forward Transfer Admittance
yfs
VDS=10V, ID=4A
4.5
6.5
S
RDS(on)1
ID=4A, VGS=10V
94
122
m
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=4A, VGS=4V
125
175
m
Input Capacitance
Ciss
VDS=20V, f=1MHz
280
pF
Output Capacitance
Coss
VDS=20V, f=1MHz
90
pF
Reverse Transfer Capacitance
Crss
VDS=20V, f=1MHz
30
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
7
ns
Rise Time
tr
See specified Test Circuit.
10
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
26
ns
Fall Time
tf
See specified Test Circuit.
8
ns
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=9A
10
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=10V, ID=9A
1.7
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=10V, ID=9A
2.1
nC
Diode Forward Voltage
VSD
IS=9A, VGS=0
0.95
1.2
V
Switching Time Test Circuit
PW=10
µs
D.C.
≤1%
10V
0V
VIN
P.G
50
G
S
ID=4A
RL=7.5Ω
VDD=30V
VOUT
VIN
D
2SK3411


Similar Part No. - 2SK3411

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3412 SANYO-2SK3412 Datasheet
31Kb / 4P
   DC / DC Converter Applications
logo
Inchange Semiconductor ...
2SK3412D ISC-2SK3412D Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3412I ISC-2SK3412I Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Sanyo Semicon Device
2SK3413LS SANYO-2SK3413LS Datasheet
32Kb / 4P
   DC / DC Converter Applications
logo
Inchange Semiconductor ...
2SK3413LS ISC-2SK3413LS Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3411

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com