Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1AGX50CF484I6N Datasheet(PDF) 72 Page - Altera Corporation

Part # EP1AGX50CF484I6N
Description  The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX50CF484I6N Datasheet(HTML) 72 Page - Altera Corporation

Back Button EP1AGX50CF484I6N Datasheet HTML 68Page - Altera Corporation EP1AGX50CF484I6N Datasheet HTML 69Page - Altera Corporation EP1AGX50CF484I6N Datasheet HTML 70Page - Altera Corporation EP1AGX50CF484I6N Datasheet HTML 71Page - Altera Corporation EP1AGX50CF484I6N Datasheet HTML 72Page - Altera Corporation EP1AGX50CF484I6N Datasheet HTML 73Page - Altera Corporation EP1AGX50CF484I6N Datasheet HTML 74Page - Altera Corporation EP1AGX50CF484I6N Datasheet HTML 75Page - Altera Corporation EP1AGX50CF484I6N Datasheet HTML 76Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 234 page
background image
2–66
Chapter 2: Arria GX Architecture
PLLs and Clock Networks
Arria GX Device Handbook, Volume 1
© December 2009
Altera Corporation
PLLs and Clock Networks
Arria GX devices provide a hierarchical clock structure and multiple PLLs with
advanced features. The large number of clocking resources in combination with the
clock synthesis precision provided by enhanced and fast PLLs provides a complete
clock management solution.
Global and Hierarchical Clocking
Arria GX devices provide 16 dedicated global clock networks and 32 regional clock
networks (eight per device quadrant). These clocks are organized into a hierarchical
clock structure that allows for up to 24 clocks per device region with low skew and
delay. This hierarchical clocking scheme provides up to 48 unique clock domains in
Arria GX devices.
There are 12 dedicated clock pins (CLK[15..12] and CLK[7..0]) to drive either the
global or regional clock networks. Four clock pins drive each side of the device except
the right side, as shown in Figure 2–54 and Figure 2–55. Internal logic and enhanced
and fast PLL outputs can also drive the global and regional clock networks. Each
global and regional clock has a clock control block, which controls the selection of the
clock source and dynamically enables or disables the clock to reduce power
consumption. Table 2–16 lists the global and regional clock features.
Global Clock Network
These clocks drive throughout the entire device, feeding all device quadrants. GCLK
networks can be used as clock sources for all resources in the device IOEs, ALMs, DSP
blocks, and all memory blocks. These resources can also be used for control signals,
such as clock enables and synchronous or asynchronous clears fed from the external
pin. The global clock networks can also be driven by internal logic for internally
generated global clocks and asynchronous clears, clock enables, or other control
signals with large fanout. Figure 2–54 shows the 12 dedicated CLK pins driving global
clock networks.
Table 2–16. Global and Regional Clock Features
Feature
Global Clocks
Regional Clocks
Number per device
16
32
Number available per
quadrant
16
8
Sources
Clock pins, PLL outputs, core routings,
inter-transceiver clocks
Clock pins, PLL outputs, core routings,
inter-transceiver clocks
Dynamic clock source
selection
v
Dynamic enable/disable
vv


Similar Part No. - EP1AGX50CF484I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX50CF484I6N ALTERA-EP1AGX50CF484I6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
EP1AGX50CF484I6N ALTERA-EP1AGX50CF484I6N Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
More results

Similar Description - EP1AGX50CF484I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ARRIAGX ALTERA-ARRIAGX Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
logo
Texas Instruments
TLK3104SA TI-TLK3104SA Datasheet
549Kb / 40P
[Old version datasheet]   QUAD 3.125 Gbps SERIAL TRANSCEIVER
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
logo
Microsemi Corporation
LX3302 MICROSEMI-LX3302 Datasheet
379Kb / 2P
   The LX3302 is the second member of Microsemi’s new family of smart sensor interface products
Rev. 1.0
logo
STMicroelectronics
AN4207 STMICROELECTRONICS-AN4207 Datasheet
310Kb / 28P
   The STM32F37x series of microcontrollers combines
logo
Texas Instruments
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
[Old version datasheet]   3.125 Gbps Differential Buffer
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
logo
National Semiconductor ...
DS25BR150_0711 NSC-DS25BR150_0711 Datasheet
397Kb / 12P
   3.125 Gbps LVDS Buffer
logo
Texas Instruments
DS25BR150 TI1-DS25BR150_14 Datasheet
791Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com