Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1AGX50CF484I6N Datasheet(PDF) 44 Page - Altera Corporation

Part # EP1AGX50CF484I6N
Description  The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX50CF484I6N Datasheet(HTML) 44 Page - Altera Corporation

Back Button EP1AGX50CF484I6N Datasheet HTML 40Page - Altera Corporation EP1AGX50CF484I6N Datasheet HTML 41Page - Altera Corporation EP1AGX50CF484I6N Datasheet HTML 42Page - Altera Corporation EP1AGX50CF484I6N Datasheet HTML 43Page - Altera Corporation EP1AGX50CF484I6N Datasheet HTML 44Page - Altera Corporation EP1AGX50CF484I6N Datasheet HTML 45Page - Altera Corporation EP1AGX50CF484I6N Datasheet HTML 46Page - Altera Corporation EP1AGX50CF484I6N Datasheet HTML 47Page - Altera Corporation EP1AGX50CF484I6N Datasheet HTML 48Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 234 page
background image
2–38
Chapter 2: Arria GX Architecture
Adaptive Logic Modules
Arria GX Device Handbook, Volume 1
© December 2009
Altera Corporation
Arithmetic Mode
Arithmetic mode is ideal for implementing adders, counters, accumulators, wide
parity functions, and comparators. An ALM in arithmetic mode uses two sets of 2
four-input LUTs along with two dedicated full adders. The dedicated adders allow
the LUTs to be available to perform pre-adder logic; therefore, each adder can add the
output of two four-input functions. The four LUTs share the dataa and datab
inputs. As shown in Figure 2–34, the carry-in signal feeds to adder0, and the
carry-out from adder0 feeds to carry-in of adder1. The carry-out from adder1
drives to adder0 of the next ALM in the LAB. ALMs in arithmetic mode can drive
out registered and/or unregistered versions of the adder outputs.
While operating in arithmetic mode, the ALM can support simultaneous use of the
adder’s carry output along with combinational logic outputs. In this operation, adder
output is ignored. This usage of the adder with the combinational logic output
provides resource savings of up to 50% for functions that can use this ability. An
example of such functionality is a conditional operation, such as the one shown in
Figure 2–35. The equation for this example is:
To implement this function, the adder is used to subtract ‘Y’ from ‘X.’ If ‘X’ is less than
‘Y,’ the carry_out signal is ‘1.’ The carry_out signal is fed to an adder where it
drives out to the LAB local interconnect. It then feeds to the LAB-wide syncload
signal. When asserted, syncload selects the syncdata input. In this case, the data
‘Y’ drives the syncdata inputs to the registers. If ‘X’ is greater than or equal to ‘Y,’ the
syncload
signal is deasserted and ‘X’ drives the data port of the registers.
Figure 2–34. ALM in Arithmetic Mode
dataf0
datae0
carry_in
carry_out
dataa
datab
datac
datad
datae1
dataf1
DQ
DQ
To general or
local routing
To general or
local routing
reg0
reg1
To general or
local routing
To general or
local routing
4-Input
LUT
4-Input
LUT
4-Input
LUT
4-Input
LUT
adder1
adder0
Equation 2–1.
R= (X < Y) ? Y : X


Similar Part No. - EP1AGX50CF484I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX50CF484I6N ALTERA-EP1AGX50CF484I6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
EP1AGX50CF484I6N ALTERA-EP1AGX50CF484I6N Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
More results

Similar Description - EP1AGX50CF484I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ARRIAGX ALTERA-ARRIAGX Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
logo
Texas Instruments
TLK3104SA TI-TLK3104SA Datasheet
549Kb / 40P
[Old version datasheet]   QUAD 3.125 Gbps SERIAL TRANSCEIVER
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
logo
Microsemi Corporation
LX3302 MICROSEMI-LX3302 Datasheet
379Kb / 2P
   The LX3302 is the second member of Microsemi’s new family of smart sensor interface products
Rev. 1.0
logo
STMicroelectronics
AN4207 STMICROELECTRONICS-AN4207 Datasheet
310Kb / 28P
   The STM32F37x series of microcontrollers combines
logo
Texas Instruments
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
[Old version datasheet]   3.125 Gbps Differential Buffer
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
logo
National Semiconductor ...
DS25BR150_0711 NSC-DS25BR150_0711 Datasheet
397Kb / 12P
   3.125 Gbps LVDS Buffer
logo
Texas Instruments
DS25BR150 TI1-DS25BR150_14 Datasheet
791Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com