Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2996 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 2SK2996
Description  DC−DC Converter, Relay Drive and Motor Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2996 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SK2996_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2996_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2996_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2996_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2996_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2996_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK2996
2009-09-29
5
=
DD
VDSS
VDSS
AS
V
B
B
I
L
2
1
E
2
RG = 25 Ω
VDD = 90 V, L = 4.41 mH


Similar Part No. - 2SK2996_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2996 TOSHIBA-2SK2996_06 Datasheet
750Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
More results

Similar Description - 2SK2996_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2611 TOSHIBA-2SK2611_10 Datasheet
421Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SK2862 TOSHIBA-2SK2862_09 Datasheet
425Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SK2545 TOSHIBA-2SK2545_09 Datasheet
419Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SJ334 TOSHIBA-2SJ334_09 Datasheet
434Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SJ438 TOSHIBA-2SJ438_09 Datasheet
416Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SJ304 TOSHIBA-2SJ304_07 Datasheet
695Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2961 TOSHIBA-2SK2961_09 Datasheet
387Kb / 6P
   Relay Drive, Motor Drive and DC−DC Converter Application
2SK2606 TOSHIBA-2SK2606_09 Datasheet
154Kb / 3P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ312 TOSHIBA-2SJ312_09 Datasheet
392Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2916 TOSHIBA-2SK2916_09 Datasheet
420Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com