Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1AGX50CF780C6N Datasheet(PDF) 89 Page - Altera Corporation

Part # EP1AGX50CF780C6N
Description  The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX50CF780C6N Datasheet(HTML) 89 Page - Altera Corporation

Back Button EP1AGX50CF780C6N Datasheet HTML 85Page - Altera Corporation EP1AGX50CF780C6N Datasheet HTML 86Page - Altera Corporation EP1AGX50CF780C6N Datasheet HTML 87Page - Altera Corporation EP1AGX50CF780C6N Datasheet HTML 88Page - Altera Corporation EP1AGX50CF780C6N Datasheet HTML 89Page - Altera Corporation EP1AGX50CF780C6N Datasheet HTML 90Page - Altera Corporation EP1AGX50CF780C6N Datasheet HTML 91Page - Altera Corporation EP1AGX50CF780C6N Datasheet HTML 92Page - Altera Corporation EP1AGX50CF780C6N Datasheet HTML 93Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 234 page
background image
Chapter 2: Arria GX Architecture
2–83
I/O Structure
© December 2009
Altera Corporation
Arria GX Device Handbook, Volume 1
Figure 2–68 shows how a row I/O block connects to the logic array.
Figure 2–68. Row I/O Block Connection to the Interconnect
Note to Figure 2–68:
(1) The 32 data and control signals consist of eight data out lines: four lines each for DDR applications io_dataouta[3..0] and
io_dataoutb[3..0]
, four output enables io_oe[3..0], four input clock enables io_ce_in[3..0], four output clock enables
io_ce_out[3..0]
, four clocks io_clk[3..0], four asynchronous clear and preset signals io_aclr/apreset[3..0], and four
synchronous clear and preset signals io_sclr/spreset[3..0].
32
R4 & R24
Interconnects
C4 Interconnect
I/O Block Local
Interconnect
32 Data & Control
Signals from
Logic Array (1)
io_dataina[3..0]
io_datainb[3..0]
io_clk[7:0]
Horizontal I/O
Block Contains
up to Four IOEs
Direct Link
Interconnect
to Adjacent LAB
Direct Link
Interconnect
to Adjacent LAB
LAB Local
Interconnect
LAB
Horizontal
I/O Block


Similar Part No. - EP1AGX50CF780C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX50CF780C6N ALTERA-EP1AGX50CF780C6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
EP1AGX50CF780C6N ALTERA-EP1AGX50CF780C6N Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
More results

Similar Description - EP1AGX50CF780C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ARRIAGX ALTERA-ARRIAGX Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
logo
Texas Instruments
TLK3104SA TI-TLK3104SA Datasheet
549Kb / 40P
[Old version datasheet]   QUAD 3.125 Gbps SERIAL TRANSCEIVER
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
logo
Microsemi Corporation
LX3302 MICROSEMI-LX3302 Datasheet
379Kb / 2P
   The LX3302 is the second member of Microsemi’s new family of smart sensor interface products
Rev. 1.0
logo
STMicroelectronics
AN4207 STMICROELECTRONICS-AN4207 Datasheet
310Kb / 28P
   The STM32F37x series of microcontrollers combines
logo
Texas Instruments
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
[Old version datasheet]   3.125 Gbps Differential Buffer
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
logo
National Semiconductor ...
DS25BR150_0711 NSC-DS25BR150_0711 Datasheet
397Kb / 12P
   3.125 Gbps LVDS Buffer
logo
Texas Instruments
DS25BR150 TI1-DS25BR150_14 Datasheet
791Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com