Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RU4 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # RU4
Description  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RU4 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  RU4 Datasheet HTML 1Page - EIC discrete Semiconductors RU4 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RU4 - RU4B
FAST RECOVERY RECTIFIERS
PRV : 400 - 800 Volts
Io : 1.5 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
MECHANICAL DATA :
* Case : DO-201AD Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 1.21 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
RU4
RU4A
RU4B
UNIT
Maximum Peak Reverse Voltage
VRM
400
600
800
V
Maximum Peak Reverse Surge Voltage
VRSM
400
600
800
V
Maximum Average Forward Current Ta = 60
°C
IF(AV)
1.5 ( 3.0 With Heatsink )
A
Maximum Peak Forward Surge Current
( 50 Hz, Half-cycle, Sine wave, Single Shot )
Maximum Forward Voltage at IF = 3 Amps.
VF
1.5
1.6
V
Maximum Reverse Current at VR = VRM
Ta = 25
°C
IR
10
µA
Maximum Reverse Current at VR = VRM
Ta = 100
°C
IR(H)
300
500
µA
Maximum Reverse Recovery Time ( Note 1 )
Trr
0.4
µs
Junction Temperature Range
TJ
- 40 to + 150
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 10 mA, IRP = 10 mA.
Page 1 of 2
Rev. 02 : March 25, 2005
RATING
IFSM
50
A
DO-201AD
0.3.75 (9.53)
0.285 (7.24)
0.21 (5.33)
0.19 (4.83)
0.052 (1.32)
0.048 (1.22)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )
* Pb / RoHS Free


Similar Part No. - RU4

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RU4 SANKEN-RU4 Datasheet
21Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
RU4 BILIN-RU4 Datasheet
91Kb / 2P
   HIGH EFFICIENCY ECTIFIERS
logo
Shenzhen Luguang Electr...
RU4 LUGUANG-RU4 Datasheet
200Kb / 2P
   High Efficiency Rectifiers
logo
SUNMATE electronic Co.,...
RU4 SUNMATE-RU4 Datasheet
277Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
logo
Diode Semiconductor Kor...
RU4 DSK-RU4 Datasheet
306Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - RU4

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com