Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3278 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SK3278
Description  DC/DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3278 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SK3278 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3278 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3278 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3278 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK3278
No.6680-3/4
0.01
23
5 7
2
2
2
33
3
55
5
77
7
0.1
1.0
10
100
10
1000
100
7
5
3
2
7
5
3
2
0.2
0.4
0.6
0.8
1.0
1.2
0.3
0.5
0.7
0.9
1.1
12
10
8
6
2
4
0
45
6
7
89
23
111
10
VDS=10V
ID=7A
0
5
10
15
20
25
30
Ciss
Coss
Crss
VGS=0
2
3
5
7
0.01
2
3
5
7
0.1
2
3
5
7
1.0
2
3
5
7
10
0.001
100
10
1.0
0.1
0.1
1.0
10
2
2
3
5
7
5
7
2
3
2
3
5
7
57
2
3
35
7
VDS=10V
75°C
Tc=
--25
°C
0
IT02559
IT02561
IT02560
IT02562
25°
C
f=1MHz
2
3
5
7
1.0
2
3
5
7
10
2
3
5
7
100
0.1
IT02564
0.1
23
5
7
1.0
23
5
7
10
10
1.0
100
7
7
5
5
3
3
2
2
1000
7
5
3
2
VDD=15V
VGS=10V
td(on)
td(off)
tf
tr
IT02563
--60
80
60
20
40
160
120
140
100
--40
--20
0
04
8
12
16
20
2
6
10
14
18
60
70
80
50
40
30
20
10
0
V GS
=4.5V
, I D
=4A
VGS
=10V
, ID=7A
60
50
55
35
40
45
25
30
5
10
15
20
0
7A
IT02557
IT02558
Tc=25
°C
ID=4A
100
µs
ID=15A
IDP=45A
Operation in this
area is limited by RDS(on).
RDS(on) -- VGS
RDS(on) -- Tc
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
SW Time -- ID
VGS -- Qg
Total Gate Charge, Qg -- nC
Ciss, Coss, Crss -- VDS
Drain-to-Source-Voltage, VDS -- V
|
yfs| -- ID
Drain Current, ID -- A
IF -- VSD
Diode Forward Voltage, VSD -- V
A S O
Drain-to-Source Voltage, VDS -- V
<10
µs
Tc=25
°C
Single pulse


Similar Part No. - 2SK3278

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3278D ISC-2SK3278D Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3278I ISC-2SK3278I Datasheet
399Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3278

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com