Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD103AWS Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SD103AWS
Description  SCHOTTKY BARRIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SD103AWS Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SD103AWS Datasheet HTML 1Page - EIC discrete Semiconductors SD103AWS Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD103AWS - SD103CWS
SCHOTTKY BARRIER DIODES
FEATURES :
* For general purpose applications
* The SD103 series is a metal-on-silicon
Schottky barrier device which is
protected by a PN junction guard ring.
* The low forward voltage drop and fast switching
make it ideal for protection of MOS devices,
steering, biasing and coupling diodes for fast
switching and low logic level applications.
* These diodes are also available in the MiniMELF case
with type designations LL103A thru LL103C.
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SOD-323 plastic Case
* Weight : approx. 0.004 g
* SD103AWS Marking Code : S4
* SD103BWS Marking Code : S5
* SD103CWS Marking Code : S6
Maximum Ratings and Thermal Characteristics (T
C = 25 °C unless otherwise noted)
Symbol
Value
Unit
SD103AWS
40
SD103BWS
30
SD103CWS
20
Maximum Single Cycle Surge 10 µs Square Wave
IFSM
2A
Power Dissipation (Infinite Heat Sink)
Ptot
150
(1)
mW
Thermal Resistance Junction to Ambient Air
RθJA
650
(1)
°C/W
Junction Temperature
TJ
125
(1)
°C
Storage temperature range
TSTG
-55 to + 150
°C
Electrical Characteristics (T
J = 25°C unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
SD103AWS
VR = 30 V
--
5
SD103BWS
VR = 20 V
--
5
SD103CWS
VR = 10 V
--
5
IF = 20mA
-
-
0.37
IF = 200mA
-
-
0.60
Junction Capacitance
Ctot
-
50
-
pF
IF = IR = 50mA to 200mA
recover to 0.1IR
Note:
(1) Valid provided that electrodes are kept at ambient temperature.
Page 1 of 2
Rev. 01 : May 4, 2006
Test Condition
Reverse Current
IR
Forward Voltage Drop
V
Parameter
VRRM
Repetitive Peak Reverse Voltage
μA
VF
V
VR = 0 V, f = 1MHz
Reverse Recovery Time
Trr
ns
-10
-
2.80
2.30
1.80
1.60
Dimensions in millimeters
SOD-323
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - SD103AWS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Microdiode Electronics ...
SD103AWS CHENDA-SD103AWS Datasheet
316Kb / 3P
   Schottky Barrier Diode
logo
Dc Components
SD103AWS DCCOM-SD103AWS Datasheet
261Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Galaxy Semi-Conductor H...
SD103AWS BILIN-SD103AWS Datasheet
274Kb / 4P
   Schottky Barrier Diode
logo
Tak Cheong Electronics ...
SD103AWS TAK_CHEONG-SD103AWS Datasheet
145Kb / 4P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Schottky Barrier Diode
More results

Similar Description - SD103AWS

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com