Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3072 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SK3072
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3072 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SK3072 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3072 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3072 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3072 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK3072
No.7224-3/4
yfs -- ID
Drain Current, ID -- mA
1.0
23
5
7
10
23
5
7
IT04347
VDS=10V
10
2
1.0
3
5
7
100
2
3
5
7
75
°C
25
°C
Ta=
--25
°C
VGS(off) -- Ta
Ambient Temperature, Ta --
°C
0
0.5
1.0
1.5
2.0
2.5
3.0
--50
0
50
100
150
IT04346
VDS=10V
ID=1mA
IF -- VSD
Diode Forward Voltage, VSD -- V
1.0
10
0.1
100
5
7
2
3
5
7
2
3
5
7
2
3
5
7
2
3
1000
0.4
0.6
0.8
1.0
1.2
0.2
IT04348
VGS=0
SW Time -- ID
Drain Current, ID -- mA
10
100
1000
2
10000
3
5
7
2
3
5
7
2
3
5
7
23
5
7
10
23
5
7
IT04349
VDD=200V
VGS=10V
td(on)
tr
td(of
f)
tf
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
2
7
5
100
3
7
2
5
3
10
1.0
0
5
10
15
20
25
30
IT04350
f=1MHz
Ciss
Coss
Crss
Forward Bias A S O
Drain-to-Source Voltage, VDS -- V
1.0
10
100
5
7
3
2
5
7
3
2
5
7
3
2
3
2
0.1
100
1.0
23
5
7
23
5
2
3
5
7
10
7
IT04351
DC
operation
10ms
1ms
100
µs
<10
µs
Ta=25
°C
Single pulse
IDP=120mA
ID=30mA
Operation in this area
is limited by RDS(on).
0
20
40
60
80
100
120
140
160
PD -- Ta
Ambient Temperature, Ta --
°C
IT04352
300
250
200
150
100
50
0


Similar Part No. - 2SK3072

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3070 HITACHI-2SK3070 Datasheet
54Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SK3070 RENESAS-2SK3070 Datasheet
94Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
2SK3070L HITACHI-2SK3070L Datasheet
54Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK3070L ISC-2SK3070L Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3070L-E RENESAS-2SK3070L-E Datasheet
94Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - 2SK3072

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com