Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK3072 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. 2SK3072
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

2SK3072 Datasheet(HTML) 2 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SK3072
No.7224-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Turn-ON Delay Time
td(on)
See specified Test Circuit.
25
ns
Rise Time
tr
See specified Test Circuit.
100
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
110
ns
Fall Time
tf
See specified Test Circuit.
1.2
µs
Diode Forward Voltage
VSD
IS=30mA, VGS=0
1.2
V
Switching Time Test Circuit
ID -- VGS
Gate-to-Source Voltage, VGS -- V
ID -- VDS
Drain-to-Source Voltage, VDS -- V
80
70
60
50
40
30
20
10
0
50
40
30
20
10
0
3V
4V
IT04342
IT04343
RDS(on) -- VGS
0
100
200
300
400
700
600
500
02468
10
12
14
16
IT04344
RDS(on) -- Ta
0
50
100
150
200
250
300
350
400
450
500
--50
--25
0
25
50
75
100
125
150
IT04345
VDS=10V
ID=30mA
15mA
1mA
Ta=25
°C
I D
=15mA,
V GS
=4V
I D
=15mA,
V GS
=10V
5V
0
0
60
50
40
30
20
10
510
15
10V
VGS=2V
75
°C
25
°C
Ta= --25°C
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
PW=10
µs
D.C.
≤1%
P.G
50
G
S
D
ID=15mA
RL=13.3kΩ
VDD=200V
VOUT
2SK3072
VIN
10V
0V
VIN


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SJ417Ultrahigh-Speed Switching Applications 1 2 3 Sanyo Semicon Device
2SJ578Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SK2623Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SK3092Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH3308Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH5603Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH6306Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
FW203Ultrahigh-Speed Switching Applications 1 2 3 Sanyo Semicon Device
FX606Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
MCH3302Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn