Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

310308-002 Datasheet(PDF) 22 Page - Intel Corporation

Part # 310308-002
Description  Intel Pentium 4 Processor
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

310308-002 Datasheet(HTML) 22 Page - Intel Corporation

Back Button 310308-002 Datasheet HTML 18Page - Intel Corporation 310308-002 Datasheet HTML 19Page - Intel Corporation 310308-002 Datasheet HTML 20Page - Intel Corporation 310308-002 Datasheet HTML 21Page - Intel Corporation 310308-002 Datasheet HTML 22Page - Intel Corporation 310308-002 Datasheet HTML 23Page - Intel Corporation 310308-002 Datasheet HTML 24Page - Intel Corporation 310308-002 Datasheet HTML 25Page - Intel Corporation 310308-002 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 106 page
background image
Electrical Specifications
22
Datasheet
NOTES:
1.
VOS is measured overshoot voltage.
2.
TOS is measured time duration above VID.
2.5.4
Die Voltage Validation
Overshoot events on the processor must meet the specifications in Table 6 when
measured across the VCC_SENSE and VSS_SENSE lands. Overshoot events that are
< 10 ns in duration may be ignored. These measurements of processor die level
overshoot must be taken with a bandwidth limited oscilloscope set to a greater than or
equal to 100 MHz bandwidth limit.
2.6
Signaling Specifications
Most processor front side bus signals use Gunning Transceiver Logic (GTL+) signaling
technology. This technology provides improved noise margins and reduced ringing
through low voltage swings and controlled edge rates. Platforms implement a
termination voltage level for GTL+ signals defined as VTT. Because platforms implement
separate power planes for each processor (and chipset), separate VCC and VTT supplies
are necessary. This configuration allows for improved noise tolerance as processor
frequency increases. Speed enhancements to data and address busses have caused
signal integrity considerations and platform design methods to become even more
critical than with previous processor families.
The GTL+ inputs require a reference voltage (GTLREF) that is used by the receivers to
determine if a signal is a logical 0 or a logical 1. GTLREF must be generated on the
motherboard (see Table 16 for GTLREF specifications). Termination resistors (RTT) for
GTL+ signals are provided on the processor silicon and are terminated to VTT. Intel
chipsets will also provide on-die termination, thus eliminating the need to terminate the
bus on the motherboard for most GTL+ signals.
Figure 2.
VCC Overshoot Example Waveform
Time
Example Overshoot Waveform
VID
VID + 0.050
T
OS
V
OS
T
OS: Overshoot time above VID
V
OS: Overshoot above VID


Similar Part No. - 310308-002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
31030 ETC1-31030 Datasheet
48Kb / 1P
   4700
logo
METZ CONNECT GmbH
310301 METZ-310301 Datasheet
289Kb / 5P
   lift system, fittable without loss of poles
310301XX METZ-310301XX Datasheet
324Kb / 5P
   pin header, solderable
More results

Similar Description - 310308-002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G4V300-D ETC2-G4V300-D Datasheet
275Kb / 2P
   Intel Pentium 4 Processor and Intel Celeron Processor
logo
AAEON Technology
PCM-5896 AAEON-PCM-5896 Datasheet
443Kb / 1P
   Low Power Intel Pentium Processor
logo
Intel Corporation
316981-005 INTEL-316981-005 Datasheet
1Mb / 104P
   Intel Pentium Dual-Core Desktop Processor
logo
AAEON Technology
FSB-865G AAEON-FSB-865G Datasheet
583Kb / 2P
   Full-Size SBC With Intel Pentium 4 Socket 478 Processor
logo
Intel Corporation
298643-012 INTEL-298643-012 Datasheet
1Mb / 85P
   Intel Pentium 4 Processor Extreme Edition Supporting Hyper-Threading Technology
logo
Axiomtek Co., Ltd.
Q7M311 AXIOMTEK-Q7M311 Datasheet
269Kb / 1P
   Qseven Module with Intel Pentium Processor N4200 & Celeron Processor N3350
logo
AAEON Technology
FSB-860B AAEON-FSB-860B Datasheet
293Kb / 2P
   Full-Size SBC With Intel Pentium 4/ Celeron Socket 478 Processor
EMB-845M AAEON-EMB-845M Datasheet
433Kb / 1P
   Intel Pentium 4 and Celeron Processors
logo
Axiomtek Co., Ltd.
PICO312 AXIOMTEK-PICO312_17 Datasheet
322Kb / 1P
   Pico-ITX SBC with Intel Pentium Processor N4200 & Celeron Processor N3350
logo
AAEON Technology
PCM-6898 AAEON-PCM-6898 Datasheet
393Kb / 1P
   Intel Pentium III and Celeron Processors, VIA C3 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com