Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L78S24 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L78S24
Description  2 A positive voltage regulators
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S24 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L78S24 Datasheet HTML 7Page - STMicroelectronics L78S24 Datasheet HTML 8Page - STMicroelectronics L78S24 Datasheet HTML 9Page - STMicroelectronics L78S24 Datasheet HTML 10Page - STMicroelectronics L78S24 Datasheet HTML 11Page - STMicroelectronics L78S24 Datasheet HTML 12Page - STMicroelectronics L78S24 Datasheet HTML 13Page - STMicroelectronics L78S24 Datasheet HTML 14Page - STMicroelectronics L78S24 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
L78Sxx, L78SxxC
Electrical characteristics
Doc ID 2148 Rev 4
11/39
Refer to the test circuits, TJ = 25 °C, VI = 15 V, IO = 500 mA, unless otherwise specified.
Refer to the test circuits, TJ = 25 °C, VI = 19 V, IO = 500 mA, unless otherwise specified.
Table 7.
Electrical characteristics of L78S10
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
9.5
10
10.5
V
VO
Output voltage
IO = 1 A, VI = 12.5 V
9.4
10
10.6
V
ΔVO
Line regulation
VI = 12.5 to 30 V
200
mV
VI = 14 to 22 V
100
ΔVO
Load regulation
IO = 20 mA to 2 A
150
mV
IQ
Quiescent current
8
mA
ΔIQ
Quiescent current change
IO = 20 mA to 1A
0.5
mA
VI = 12.5 to 30 V, IO = 20 mA
1
ΔVO/ΔT Output voltage drift
IO = 5 mA, TJ = -55 °C to 150 °C
-1
mV/°C
eN
Output noise voltage
B =10 Hz to 100 kHz
65
µV
SVR
Supply voltage rejection
f = 120 Hz
53
dB
VI
Operating input voltage
IO 1.5 A
13
V
RO
Output resistance
f = 1 kHz
17
m
Ω
Isc
Short circuit current
VI = 27 V
500
mA
Iscp
Short circuit peak current
3
A
Table 8.
Electrical characteristics of L78S12
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
11.5
12
12.5
V
VO
Output voltage
IO = 1 A, VI = 14.5 V
11.4
12
12.6
V
ΔVO
Line regulation
VI = 14.5 to 30 V
240
mV
VI = 16 to 22 V
120
ΔVO
Load regulation
IO = 20 mA to 2 A
160
mV
IQ
Quiescent current
8
mA
ΔIQ
Quiescent current change
IO = 20 mA to 1 A
0.5
mA
VI = 14.5 to 30 V, IO = 20 mA
1
ΔVO/ΔT Output voltage drift
IO = 5 mA, TJ = -55 °C to 150 °C
-1
mV/°C
eN
Output noise voltage
B =10 Hz to 100 kHz
75
µV
SVR
Supply voltage rejection
f = 120 Hz
53
dB
VI
Operating input voltage
IO 1.5 A
15
V
RO
Output resistance
f = 1 kHz
18
m
Ω
Isc
Short circuit current
VI = 27 V
500
mA
Iscp
Short circuit peak current
3
A


Similar Part No. - L78S24

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78S24 STMICROELECTRONICS-L78S24 Datasheet
262Kb / 21P
   2A POSITIVE VOLTAGE REGULATORS
L78S24 STMICROELECTRONICS-L78S24 Datasheet
1Mb / 31P
   2 A positive voltage regulators
L78S24C STMICROELECTRONICS-L78S24C Datasheet
262Kb / 21P
   2A POSITIVE VOLTAGE REGULATORS
L78S24C STMICROELECTRONICS-L78S24C Datasheet
1Mb / 31P
   2 A positive voltage regulators
L78S24C STMICROELECTRONICS-L78S24C Datasheet
983Kb / 35P
   Short circuit protection
March 2014 Rev 8
More results

Similar Description - L78S24

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78SXX STMICROELECTRONICS-L78SXX Datasheet
1Mb / 31P
   2 A positive voltage regulators
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
MC-7805-CT ONSEMI-MC-7805-CT Datasheet
329Kb / 30P
   1.0 A Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78T00 ONSEMI-MC78T00_04 Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
LM323 ONSEMI-LM323_02 Datasheet
78Kb / 8P
   3.0 A Positive Voltage Regulators
January, 2002 ??Rev. 2
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com