Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK2623 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. 2SK2623
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

2SK2623 Datasheet(HTML) 3 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK2623
No.6148–3/4
I D - VDS
ID - VGS
RDS(on) - VGS
R DS(on) - Tc
ID=1.5A
Tc=25
°C
VDS=10V
VDS=10V
8V
10V
7V
15V
VGS=6V
Tc=-25
°C
75
°C
Tc=
-25
°C
75°
C
25
°C
25
°C
VDS=10V
VGS=10V
0.8A
0.5A
4.0
3.5
2.5
1.5
2.0
3.0
0.5
1.0
0
0
1020304050
3.0
1.5
2.0
2.5
1.0
0.5
0
0
5
10
20
15
7
1.0
7
10
5
3
2
5
3
2
0.1
0.1
23
1.0
7
52
3
5
5
6
7
8
9
10
4
3
2
1
0
02
4
6
8
20
14
16
18
12
10
1
2
3
4
5
6
7
8
9
11
10
0
-50
-25
0
25
75
100
125
150
50
I D
=0.8A,V
GS
=10V
I D
=0.8A,V
GS
=15V
V GS(off) - Tc
VDS=10V
ID=1mV
1
2
3
4
7
5
6
0
-50
0
100
150
50
Drain-to-Source Voltage, VDS –V
Gate-to-Source Voltage, VGS –V
Drain Current, ID –A
| yfs | - I D
Gate-to-Source Voltage, VGS –V
Case Temperature, Tc – ˚C
Case Temperature, Tc – ˚C
I F - VSD
VDD=200V
VGS=15V
VGS=0
2
3
5
7
2
3
5
7
2
3
5
7
23
5
7
2
3
75
2
3
5
7
0.01
0.001
2
3
5
7
0.1
2
2
3
5
7
1.0
3
5
7
10
2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
1.0
100
1000
1.0
0.1
SW Time - I D
td(on)
tr
td(off)
tf
Drain Current, ID –A
Diode Forward Voltage, VSD –V


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SJ417Ultrahigh-Speed Switching Applications 1 2 3 Sanyo Semicon Device
2SJ578Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SK2624LSUltrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SK3092Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH3308Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH5603Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH6306Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
FW203Ultrahigh-Speed Switching Applications 1 2 3 Sanyo Semicon Device
FX606Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
MCH3302Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn