Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR21V1414 Datasheet(PDF) 8 Page - Exar Corporation

Part # XR21V1414
Description  4-CH FULL-SPEED USB UART
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR21V1414 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR21V1414_10 Datasheet HTML 4Page - Exar Corporation XR21V1414_10 Datasheet HTML 5Page - Exar Corporation XR21V1414_10 Datasheet HTML 6Page - Exar Corporation XR21V1414_10 Datasheet HTML 7Page - Exar Corporation XR21V1414_10 Datasheet HTML 8Page - Exar Corporation XR21V1414_10 Datasheet HTML 9Page - Exar Corporation XR21V1414_10 Datasheet HTML 10Page - Exar Corporation XR21V1414_10 Datasheet HTML 11Page - Exar Corporation XR21V1414_10 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
XR21V1414
8
4-CH FULL-SPEED USB UART
REV. 1.1.0
NOTE: Pin type: I=Input, O=Output, I/O= Input/output, OD=Output Open Drain.
Miscellaneous Signals
LOWPOWER
2
O
Low power status output. This pin will be asserted whenever the V1414
device is placed into the suspend state.
This pin is sampled momentarily at power-up or at any USB bus reset to
configure the polarity of the LOWPOWER output during suspend mode. An
external (10K) pull-up resistor will cause the LOWPOWER pin to be
asserted HIGH during suspend mode. An external (3.3K) pull-down resistor
will cause the LOWPOWER pin to be asserted LOW during suspend mode.
VCC
5, 18, 33,
44, 45
Pwr
+3.3V power supply. (Note that all device inputs are 5V tolerant.)
GND
1, 4, 19,
32, 40, 41
Pwr
Power supply common, ground.
Pin Description
NAME
48-QFN
PIN #
TYPE
DESCRIPTION


Similar Part No. - XR21V1414_10

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21V1414IM-0B-EB EXAR-XR21V1414IM-0B-EB Datasheet
400Kb / 34P
   4-CH FULL-SPEED USB UART
XR21V1414IM48 EXAR-XR21V1414IM48 Datasheet
685Kb / 26P
   4-CH FULL-SPEED USB UART
XR21V1414IM48-F EXAR-XR21V1414IM48-F Datasheet
400Kb / 34P
   4-CH FULL-SPEED USB UART
XR21V1414IM48F EXAR-XR21V1414IM48F Datasheet
164Kb / 1P
   Flammability rating of UL 94?륷0
XR21V1414IM48TR-F EXAR-XR21V1414IM48TR-F Datasheet
400Kb / 34P
   4-CH FULL-SPEED USB UART
More results

Similar Description - XR21V1414_10

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21V1414 EXAR-XR21V1414 Datasheet
685Kb / 26P
   4-CH FULL-SPEED USB UART
XR21V1414IM-0B-EB EXAR-XR21V1414IM-0B-EB Datasheet
400Kb / 34P
   4-CH FULL-SPEED USB UART
XR21B1424 EXAR-XR21B1424 Datasheet
512Kb / 61P
   Enhanced 4-Ch Full-Speed USB UART
XR21B1424 EXAR-XR21B1424_17 Datasheet
976Kb / 64P
   Enhanced 4-Ch Full-Speed USB UART
XR21V1410IL16-F EXAR-XR21V1410IL16-F Datasheet
278Kb / 28P
   1-CH FULL-SPEED USB UART
XR21V1412 EXAR-XR21V1412 Datasheet
643Kb / 24P
   2-CH FULL-SPEED USB UART
XR21V1410IL-0C-EB EXAR-XR21V1410IL-0C-EB Datasheet
381Kb / 30P
   1-CH FULL-SPEED USB UART
XR21V1412IL-0A EXAR-XR21V1412IL-0A Datasheet
397Kb / 32P
   2-CH FULL-SPEED USB UART
XR21V1410 EXAR-XR21V1410 Datasheet
623Kb / 23P
   1-CH FULL-SPEED USB UART
XR21V1410 EXAR-XR21V1410_10 Datasheet
267Kb / 27P
   1-CH FULL-SPEED USB UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com