Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16C432 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16C432
Description  OTP 8-Bit CMOS MCU with LIN Transceiver
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C432 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16C432 Datasheet HTML 7Page - Microchip Technology PIC16C432 Datasheet HTML 8Page - Microchip Technology PIC16C432 Datasheet HTML 9Page - Microchip Technology PIC16C432 Datasheet HTML 10Page - Microchip Technology PIC16C432 Datasheet HTML 11Page - Microchip Technology PIC16C432 Datasheet HTML 12Page - Microchip Technology PIC16C432 Datasheet HTML 13Page - Microchip Technology PIC16C432 Datasheet HTML 14Page - Microchip Technology PIC16C432 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 106 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS41140B-page 9
PIC16C432
TABLE 3-1:
SPECIAL REGISTERS FOR THE PIC16C432
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR Reset
Value on all
other
RESETS(1)
Bank 0
00h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical
register)
xxxx xxxx
16
01h
TMR0
Timer0 Module’s Register
xxxx xxxx
27
02h
PCL
Program Counter's (PC) Least Significant Byte
0000 0000
15
03h
STATUS
IRP(2)
RP1(2)
RP0
TO
PD
ZDC
C
0001 1xxx
10
04h
FSR
Indirect data memory address pointer
xxxx xxxx
16
05h
PORTA
RA4
RA3
RA2
LINRX
RA0
---x 0000
17
06h
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
20
07h
Unimplemented
08h
Unimplemented
09h
Unimplemented
0Ah
PCLATH
Write buffer for upper 5 bits of program counter
---0 0000
15
0Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
12
0Ch
PIR1
CMIF
-0-- ----
13
0Dh-1Eh
Unimplemented
1Fh
CMCON
C2OUT
C1OUT
CIS
CM2
CM1
CM0
00-- 0000
33
Bank 1
80h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical
register)
xxxx xxxx
16
81h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
11
82h
PCL
Program Counter's (PC) Least Significant Byte
0000 0000
15
83h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
10
84h
FSR
Indirect data memory address pointer
xxxx xxxx
16
85h
TRISA
TRISA4
TRISA3
TRISA2
TLINRX(3)
TRISA0
---1 1111
17
86h
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
1111 1111
20
87h
Unimplemented
88h
Unimplemented
89h
Unimplemented
8Ah
PCLATH
Write buffer for upper 5 bits of program counter
---0 0000
15
8Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
12
8Ch
PIE1
CMIE
-0-- ----
13
8Dh
Unimplemented
8Eh
PCON
POR
BOD
---- --0x
14
8Fh-9Eh
Unimplemented
90h
LININTF
LINTX
LINVDD
---- -1-1
23
9Fh
VRCON
VREN
VROE
VRR
VR3
VR2
VR1
VR0
000- 0000
41
Legend:
— = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
Other (non power-up) RESETS include MCLR Reset, Brown-out Reset and Watchdog Timer Reset during normal operation.
2:
IRP & RPI bits are reserved; always maintain these bits clear.
3:
TLINRX must set to ‘1’ at all times.


Similar Part No. - PIC16C432

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C432T MICROCHIP-PIC16C432T Datasheet
1Mb / 106P
   OTP 8-Bit CMOS MCU with LIN Transceiver
11/29/12 2000-2013
PIC16C432 MICROCHIP-PIC16C432_13 Datasheet
1Mb / 106P
   OTP 8-Bit CMOS MCU with LIN Transceiver
11/29/12 2000-2013
More results

Similar Description - PIC16C432

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C432 MICROCHIP-PIC16C432_13 Datasheet
1Mb / 106P
   OTP 8-Bit CMOS MCU with LIN Transceiver
11/29/12 2000-2013
logo
Holtek Semiconductor In...
HT82M75REW HOLTEK-HT82M75REW Datasheet
952Kb / 103P
   2.4GHz Transceiver 8-Bit OTP MCU
logo
Microchip Technology
PIC16C433 MICROCHIP-PIC16C433 Datasheet
2Mb / 126P
   8-Bit CMOS Microcontroller with LIN Transceiver
12/05/02
PIC16CE62X MICROCHIP-PIC16CE62X_13 Datasheet
1Mb / 114P
   OTP 8-Bit CMOS MCU with EEPROM Data Memory
11/29/12 1998-2013
PIC16CE62X MICROCHIP-PIC16CE62X Datasheet
2Mb / 108P
   OTP 8-Bit CMOS MCU with EEPROM Data Memory
1998
logo
Holtek Semiconductor In...
HT82D40REW HOLTEK-HT82D40REW Datasheet
955Kb / 104P
   2.4GHz Transceiver USB Interface 8-Bit OTP MCU
logo
PADAUK Technology.
PMS171B PADAUK-PMS171B Datasheet
2Mb / 92P
   8bit OTP MCU with 8-bit ADC
logo
Holtek Semiconductor In...
HT46R01T3 HOLTEK-HT46R01T3 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
4XR01T3V130 HOLTEK-4XR01T3V130 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
   8 - bit RISC OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com