Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1530T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TEA1530T
Description  GreenChip II SMPS control IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1530T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TEA1530T Datasheet HTML 4Page - NXP Semiconductors TEA1530T Datasheet HTML 5Page - NXP Semiconductors TEA1530T Datasheet HTML 6Page - NXP Semiconductors TEA1530T Datasheet HTML 7Page - NXP Semiconductors TEA1530T Datasheet HTML 8Page - NXP Semiconductors TEA1530T Datasheet HTML 9Page - NXP Semiconductors TEA1530T Datasheet HTML 10Page - NXP Semiconductors TEA1530T Datasheet HTML 11Page - NXP Semiconductors TEA1530T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TEA1530T_AT_AP_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 30 June 2008
8 of 21
NXP Semiconductors
TEA1530T/AT/AP
GreenChip II SMPS control IC
7.10 Minimum and maximum on-time
The minimum on-time of the SMPS is determined by the LEB time (typically 400 ns). The
IC limits the maximum on-time by limiting the driver duty cycle to 70 %. So the maximum
on-time is correlated to the oscillator time which results in an accurate limit of the
minimum input voltage of the flyback converter.
7.11 PROTECT and timing input
The PROTECT input (pin 3) is a multipurpose, high-impedance input, which can be used
to switch off the IC and create a relatively long timing function. As soon as the voltage on
this pin rises above 2.5 V, switching stops immediately. For the timing function, a current of
typically 50
µA flows out of pin PROTECT and charges an external capacitor until the
activation level of 2.5 V is reached. This current source is only activated when the
converter is not in regulation, which is detected by the voltage on pin CTRL
(VCTRL < 0.63 V). A (small) discharge current is also implemented to ensure that the
capacitor is not charged, for example, by spikes. An internal MOSFET switch is added to
discharge the external capacitor and ensures a defined start situation. For the
TEA1530AP and TEA1530AT the voltage on pin CTRL determines whether the IC enters
latched protection mode or safe restart protection mode:
When the voltage on pin CTRL is below 0.63 V, the IC is assumed to be out of
regulation (e.g. the control loop is open). In this case activating pin PROTECT
(VPROTECT > 2.5 V) will cause the converter to stop switching. Once VCC drops below
Vth(UVLO), capacitor CVCC will be recharged and the supply will restart. This cycle will
be repeated until the fault condition is removed (safe restart mode).
When the voltage on pin CTRL is above 0.63 V, the output is assumed to be in
regulation. In this case activating pin PROTECT (VPROTECT > 2.5 V), by external
means, will activate the latch protection of the IC. The voltage on pin VCC will cycle
between Vstartup and Vth(UVLO), but the IC will not start switching again until the latch
Fig 6.
Slope compensation
014aaa255
CTRL
−1
0.63 V
control
detect
5.6 V
4
RCTRL
Rslopecomp
∆Isc/∆t


Similar Part No. - TEA1530T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1530AP-N2.112 NXP-TEA1530AP-N2.112 Datasheet
122Kb / 21P
   GreenChip II SMPS control IC
Rev. 01-30 June 2008
TEA1530AT PHILIPS-TEA1530AT Datasheet
566Kb / 22P
   GreenChip?줚I SMPS control IC
Rev. 01-18 May 2005
More results

Similar Description - TEA1530T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1532BT NXP-TEA1532BT Datasheet
138Kb / 23P
   GreenChip II SMPS control IC
Rev. 01-18 January 2007
TEA1553T NXP-TEA1553T Datasheet
149Kb / 27P
   GreenChip II SMPS control IC
Rev. 01-3 July 2007
TEA1530AP-N2.112 NXP-TEA1530AP-N2.112 Datasheet
122Kb / 21P
   GreenChip II SMPS control IC
Rev. 01-30 June 2008
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com