Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1530T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TEA1530T
Description  GreenChip II SMPS control IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1530T Datasheet(HTML) 4 Page - NXP Semiconductors

  TEA1530T Datasheet HTML 1Page - NXP Semiconductors TEA1530T Datasheet HTML 2Page - NXP Semiconductors TEA1530T Datasheet HTML 3Page - NXP Semiconductors TEA1530T Datasheet HTML 4Page - NXP Semiconductors TEA1530T Datasheet HTML 5Page - NXP Semiconductors TEA1530T Datasheet HTML 6Page - NXP Semiconductors TEA1530T Datasheet HTML 7Page - NXP Semiconductors TEA1530T Datasheet HTML 8Page - NXP Semiconductors TEA1530T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TEA1530T_AT_AP_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 30 June 2008
4 of 21
NXP Semiconductors
TEA1530T/AT/AP
GreenChip II SMPS control IC
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
The TEA1530(A) is the controller of a compact flyback converter, with the IC situated at
the primary side. An auxiliary winding of the transformer powers the IC after start-up;
see Figure 3.
Fig 2.
Pin configuration: TEA1530T, TEA1530AT (SOT96-1), TEA1530AP (SOT97-1)
TEA1530AT
VCC
DRAIN
GND
HVS
PROTECT
DRIVER
CTRL
SENSE
001aad470
1
2
3
4
6
5
8
7
Table 2:
Pin description
Symbol
Pin
Description
VCC
1
supply voltage
GND
2
ground
PROTECT
3
protection and timing input
CTRL
4
control input
SENSE
5
programmable current sense input
DRIVER
6
MOSFET gate driver output
HVS
7
High voltage spacer
DRAIN
8
High voltage rectified mains input for start-up current


Similar Part No. - TEA1530T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1530AP-N2.112 NXP-TEA1530AP-N2.112 Datasheet
122Kb / 21P
   GreenChip II SMPS control IC
Rev. 01-30 June 2008
TEA1530AT PHILIPS-TEA1530AT Datasheet
566Kb / 22P
   GreenChip?줚I SMPS control IC
Rev. 01-18 May 2005
More results

Similar Description - TEA1530T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1532BT NXP-TEA1532BT Datasheet
138Kb / 23P
   GreenChip II SMPS control IC
Rev. 01-18 January 2007
TEA1553T NXP-TEA1553T Datasheet
149Kb / 27P
   GreenChip II SMPS control IC
Rev. 01-3 July 2007
TEA1530AP-N2.112 NXP-TEA1530AP-N2.112 Datasheet
122Kb / 21P
   GreenChip II SMPS control IC
Rev. 01-30 June 2008
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com