Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1553T Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TEA1553T
Description  GreenChip II SMPS control IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1553T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TEA1553T Datasheet HTML 6Page - NXP Semiconductors TEA1553T Datasheet HTML 7Page - NXP Semiconductors TEA1553T Datasheet HTML 8Page - NXP Semiconductors TEA1553T Datasheet HTML 9Page - NXP Semiconductors TEA1553T Datasheet HTML 10Page - NXP Semiconductors TEA1553T Datasheet HTML 11Page - NXP Semiconductors TEA1553T Datasheet HTML 12Page - NXP Semiconductors TEA1553T Datasheet HTML 13Page - NXP Semiconductors TEA1553T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
TEA1553T_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 3 July 2007
10 of 27
NXP Semiconductors
TEA1553T
GreenChip II SMPS control IC
7.8 Demagnetization
The system will be in discontinuous conduction mode all the time. The oscillator will not
start a new primary stroke until the secondary stroke has ended.
Demagnetization features a cycle-by-cycle output short-circuit protection by immediately
lowering the frequency (longer off-time), thereby reducing the power level.
Demagnetization recognition is suppressed during the first tsup(xfmr_ring) time. This
suppression may be necessary in applications where the transformer has a large leakage
inductance and at low output voltages/start-up.
7.9 Overvoltage protection
An OVP mode is implemented in the GreenChip series. For the TEA1553T, this works by
sensing the auxiliary voltage via the current flowing into pin DEM during the secondary
stroke. The auxiliary winding voltage is a well-defined replica of the output voltage. Any
voltage spikes are averaged by an internal filter.
Pin OVPFCAP is used to program the OVP function as follows:
1. Pin grounded: OVP is disabled.
2. Pin at 5 V (e.g. connected to pin 12, the VCC5V pin): the internal OVP circuit is
enabled.
3. A capacitor is connected from the pin to the ground: this capacitor is used to set the
number of OVP events that can occur before the logic determines that an actual OVP
condition exists. The minimum timing is the internal OVP timing.
In the last case, the number of OVP events can be set by an external capacitor connected
to pin OVPFCAP:
Where n is the number of OVP counts which are allowed to occur before an actual OVP
state is detected.
If the output voltage exceeds the OVP trip level, an internal counter starts counting
subsequent OVP events. The counter has been added to prevent incorrect OVP
detections which could occur during ESD / lightning events.
If the output voltage exceeds the OVP trip level a few times, and then does not exceed it in
the next cycle, the internal counter will count down twice as fast as it counted up.
However, when typically 10 cycles of subsequent OVP events are detected, the IC
assumes a true OVP state exists and the OVP circuit switches the MOSFET off. Next, the
controller waits until the Vth(UVLO) level is reached on pin VCC, and then capacitor CVCC is
recharged to the Vstartup level.
Operation only recommences when the VCC voltage drops below a level of about 4.5 V, in
practice this only occurs when the mains input voltage has been disconnected for a short
period of time
The output voltage at which the OVP function trips, Vtrip(OVPFCAP), can be set by the
demagnetization resistor, RDEM:
C
OVP
n
I
ch OVPFCAP
()
t
p OVPFCAP
()
×
V
OVPFCAP
----------------------------------------------------------------------
×
=


Similar Part No. - TEA1553T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1552 PHILIPS-TEA1552 Datasheet
119Kb / 24P
   GreenChipII SMPS control IC
2002 Aug 27
TEA1552T PHILIPS-TEA1552T Datasheet
119Kb / 24P
   GreenChipII SMPS control IC
2002 Aug 27
More results

Similar Description - TEA1553T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1532BT NXP-TEA1532BT Datasheet
138Kb / 23P
   GreenChip II SMPS control IC
Rev. 01-18 January 2007
TEA1530T NXP-TEA1530T Datasheet
122Kb / 21P
   GreenChip II SMPS control IC
Rev. 01-30 June 2008
TEA1530AP-N2.112 NXP-TEA1530AP-N2.112 Datasheet
122Kb / 21P
   GreenChip II SMPS control IC
Rev. 01-30 June 2008
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com