Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA5777 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TEA5777
Description  Low-power AM/FM stereo radio for handheld applications
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA5777 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TEA5777 Datasheet HTML 4Page - NXP Semiconductors TEA5777 Datasheet HTML 5Page - NXP Semiconductors TEA5777 Datasheet HTML 6Page - NXP Semiconductors TEA5777 Datasheet HTML 7Page - NXP Semiconductors TEA5777 Datasheet HTML 8Page - NXP Semiconductors TEA5777 Datasheet HTML 9Page - NXP Semiconductors TEA5777 Datasheet HTML 10Page - NXP Semiconductors TEA5777 Datasheet HTML 11Page - NXP Semiconductors TEA5777 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
TEA5777_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 11 April 2006
7 of 47
Philips Semiconductors
TEA5777
Low-power AM/FM stereo radio for handheld applications
7.2 Pin description
Fig 3.
Pin configuration LQFP32
TEA5777HL
CPOUT
MPXOUT
VCOTANK1
VAFR
VCOTANK2
MPXIN
GNDVCO_AMRF
VAFL
AMRFIN
V25DIG
SWPORT1
GNDA
SWPORT2/EXTIN
AGC2CAP
VCCD
VREF
001aab432
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Table 3.
Pin description
Symbol
Pin
Description
HVQFN48
LQFP32
n.c.
1
-
not connected
CPOUT
2
1
tuning current output
VCOTANK1
3
2
parallel tuned FM oscillator to ground output 1
VCOTANK2
4
3
parallel tuned FM oscillator to ground output 2
GNDVCO_AMRF
5
4
FM VCO and AM RF input ground
n.c.
6
-
not connected
AMRFIN
7
5
AM RF input (FET input)
n.c.
8
-
not connected
SWPORT1
9
6
programmable output and input port 1
SWPORT2/EXTIN
10
7
programmable output and input port 2 or external
reference frequency input
VCCD
11
8
digital supply voltage
n.c.
12
-
not connected
n.c.
13
-
not connected
XTAL2
14
9
crystal input 2
GNDD
15
10
digital ground
XTAL1
16
11
crystal input 1
n.c.
17
-
not connected


Similar Part No. - TEA5777

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA5705 STMICROELECTRONICS-TEA5705 Datasheet
271Kb / 10P
   ADVANCED 4-HEAD PLAY-BACK AND RECORD AMPLIFIER FOR VCR
logo
NXP Semiconductors
TEA5710 PHILIPS-TEA5710 Datasheet
229Kb / 25P
   AM/FM radio receiver circuit
March 1994
TEA5710T PHILIPS-TEA5710T Datasheet
229Kb / 25P
   AM/FM radio receiver circuit
March 1994
TEA5711 PHILIPS-TEA5711 Datasheet
520Kb / 28P
   AM/FM stereo radio circuit
September 1994
TEA5711T PHILIPS-TEA5711T Datasheet
520Kb / 28P
   AM/FM stereo radio circuit
September 1994
More results

Similar Description - TEA5777

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5768HL PHILIPS-TEA5768HL Datasheet
196Kb / 36P
   Low-power FM stereo radio for handheld applications
2004 Sep 13
TEA5767HN PHILIPS-TEA5767HN Datasheet
199Kb / 39P
   Low-power FM stereo radio for handheld applications
Rev. 04-20 February 2006
TEA5767HL PHILIPS-TEA5767HL Datasheet
187Kb / 36P
   Low-power FM stereo radio for handheld applications
2004 Sep 13
logo
Sony Corporation
CXA1538M SONY-CXA1538M Datasheet
299Kb / 15P
   FM STEREO/AM RADIO
logo
NXP Semiconductors
TEA5711 PHILIPS-TEA5711 Datasheet
520Kb / 28P
   AM/FM stereo radio circuit
September 1994
TEA5712 PHILIPS-TEA5712 Datasheet
400Kb / 28P
   AM/FM stereo DTS radio circuit
September 1994
logo
Rohm
BA1442A ROHM-BA1442A Datasheet
371Kb / 17P
   AM radio / FM IF stereo system IC
BA1448S ROHM-BA1448S Datasheet
183Kb / 9P
   AM radio / FM IF stereo system IC
BA1451F ROHM-BA1451F Datasheet
134Kb / 8P
   AM radio / FM IF stereo system IC
BA1450S ROHM-BA1450S Datasheet
181Kb / 10P
   AM radio / FM IF stereo system IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com