Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEF6730 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TEF6730
Description  Front-end for digital-IF car radio
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEF6730 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEF6730 Datasheet HTML 3Page - NXP Semiconductors TEF6730 Datasheet HTML 4Page - NXP Semiconductors TEF6730 Datasheet HTML 5Page - NXP Semiconductors TEF6730 Datasheet HTML 6Page - NXP Semiconductors TEF6730 Datasheet HTML 7Page - NXP Semiconductors TEF6730 Datasheet HTML 8Page - NXP Semiconductors TEF6730 Datasheet HTML 9Page - NXP Semiconductors TEF6730 Datasheet HTML 10Page - NXP Semiconductors TEF6730 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
TEF6730_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 10 July 2006
7 of 56
Philips Semiconductors
TEF6730
Front-end for digital-IF car radio
FMMIXOUT2
10
FM mixer IF output 2 (10.7 MHz)
AMMIXOUT1
11
AM mixer IF output 1 (10.7 MHz)
VCC(RF)
12
AM/FM RF supply voltage
V50LNA
13
AM LNA supply voltage decoupling
LNAIN
14
AM LNA input
AGCCNTRL
15
AM LNA AGC pin
i.c.
16
internally connected; leave open
LNAOUT
17
AM LNA output
i.c.
18
internally connected; leave open
LNAAGCDEC
19
AM LNA AGC decoupling
AMMIXDEC
20
AM mixer decoupling
AMMIXIN
21
AM mixer input
TAMAGC
22
AM RF AGC time constant
PINAGCDEC
23
AM PIN diode AGC decoupling
IAMAGC
24
AGC current for AM PIN diode
RFGND
25
RF ground
FMMIXIN1
26
FM mixer input 1
FMMIXIN2
27
FM mixer input 2
WXMIXIN
28
weather band mixer input
WXMIXDEC
29
weather band mixer decoupling
IFMAGC
30
AGC current for FM PIN diode
TFMAGC
31
FM RF AGC time constant
DAAOUT1
32
antenna DAA output 1
DAAOUT2
33
antenna DAA output 2
KAGC
34
level input for FM keyed AGC function
VTUNE
35
tuning voltage input antenna DAA
CPOUT
36
charge pump output
VCC(PLL)
37
tuning PLL supply voltage
VCOGND
38
VCO ground
OSCFDB
39
VCO feedback
OSCTNK
40
VCO tank circuit
VCC(VCO)
41
VCO supply voltage
SWPORT
42
software controllable port output
AFSAMPLE
43
AF sample flag output
AFHOLD
44
AF hold flag output and input
FGND
45
reference frequency ground
ADDR2
46
address select input 2
ADDR1
47
address select input 1
i.c.
48
internally connected; leave open
i.c.
49
internally connected; leave open
SDA
50
I2C-bus data line input and output
Table 3.
Pin description …continued
Symbol
Pin
Description


Similar Part No. - TEF6730

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEF6730A NXP-TEF6730A Datasheet
276Kb / 58P
   Front-end for digital-IF car radio
Rev. 01-21 February 2007
TEF6730AHW NXP-TEF6730AHW Datasheet
276Kb / 58P
   Front-end for digital-IF car radio
Rev. 01-21 February 2007
More results

Similar Description - TEF6730

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEF6730A NXP-TEF6730A Datasheet
276Kb / 58P
   Front-end for digital-IF car radio
Rev. 01-21 February 2007
TEF6700HL PHILIPS-TEF6700HL Datasheet
305Kb / 56P
   Car radio tuner front-end for digital IF
2003 Oct 21
TEF6701HL PHILIPS-TEF6701HL Datasheet
318Kb / 55P
   Car radio tuner front-end for digital IF
Rev. 01-16 November 2004
TEF6721HL PHILIPS-TEF6721HL Datasheet
235Kb / 45P
   Car radio tuner front-end for digital IF
Rev. 03-19 July 2005
logo
Texas Instruments
AFE8221 TI-AFE8221 Datasheet
534Kb / 48P
[Old version datasheet]   Dual IF Analog Front-End for Digital Radio
logo
STMicroelectronics
TDA7528 STMICROELECTRONICS-TDA7528 Datasheet
89Kb / 5P
   AM/FM car radio Front-End receiver for IF sampling tuners
logo
Panasonic Semiconductor
AN7243S PANASONIC-AN7243S Datasheet
81Kb / 7P
   FM Front-end Circuit for Car Radio
AN7254 PANASONIC-AN7254 Datasheet
104Kb / 4P
   FM FRONT-END CIRCUIT FOR CAR RADIO
AN7280S PANASONIC-AN7280S Datasheet
81Kb / 7P
   FM Front-end IC for Car Radio
logo
Sanyo Semicon Device
LA1178M SANYO-LA1178M Datasheet
299Kb / 7P
   FM Front End for Car Radio, Home Radio-Use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com