Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL61853BCRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL61853BCRZ
Description  Dual USB Port Power Supply Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL61853BCRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL61853BCRZ Datasheet HTML 2Page - Intersil Corporation ISL61853BCRZ Datasheet HTML 3Page - Intersil Corporation ISL61853BCRZ Datasheet HTML 4Page - Intersil Corporation ISL61853BCRZ Datasheet HTML 5Page - Intersil Corporation ISL61853BCRZ Datasheet HTML 6Page - Intersil Corporation ISL61853BCRZ Datasheet HTML 7Page - Intersil Corporation ISL61853BCRZ Datasheet HTML 8Page - Intersil Corporation ISL61853BCRZ Datasheet HTML 9Page - Intersil Corporation ISL61853BCRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ISL6185
6
FN6937.0
October 22, 2010
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VIN to GND, Note 7) . . . . . . . . . . . . . .6.5V
EN, FAULT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VIN
OUT . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VIN 0.3V
Output Current . . . . . . . . . . . . . . . . Short Circuit Protected
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) 3kV
Machine Model (Per MIL-STD-883 Method 3015.7). . . 300V
Latch Up (Tested per JESD-78B; Class 2, Level A) . . . 100mA
Operating Conditions
Commercial Temperature Range. . . . . . . . . . . 0°C to +70°C
Industrial Temperature Range . . . . . . . . . . . -40°C to +85°C
Supply Voltage Range (Typical) . . . . . . . . . . . . 2.3V to 5.5V
Thermal Resistance (Typical, Note 4)
θJA (°C/W) θJC (°C/W)
8 Lead SOIC Package (Note 4) . . .
120
N/A
8 Lead 3x3 DFN Package (Notes 5, 6)
48
6
10 Lead 3x3 DFN Package (Notes 5, 6) 53
6
Maximum Junction Temperature . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
5. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
6. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
7. All voltages are relative to GND, unless otherwise specified.
Electrical Specifications VIN = 5V, TA = TJ, Unless Otherwise Specified. Boldface limits apply over the operating
temperature range, 0°C to +75°C or -40°C to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 8) TYP
MAX
(Note 8) UNITS
POWER SWITCH
rDS(ON)_50 ON-Resistance at 5.0V
(Pulse Tested)
VIN = 5V, IOUT = 0.1A, TA = TJ = +25°C
-
71
87
TA = TJ = +85°C
-
110
rDS(ON)_33 ON-Resistance at 3.3V
(Pulse Tested)
VIN = 3.3V, IOUT = 0.1A, TA = TJ = +25°C
-
90
105
TA = TJ = +85°C
-
130
rDS(ON)_25 On Resistance at 2.5V
(Pulse Tested)
VIN = 2.5V, IOUT = 0.1A, TA = TJ = +25°C
-
114
127
TA = TJ = +85°C
-
150
VOUT_DIS
Disabled Output Voltage
VIN = 5V, Switch Disabled, 50µA Load
-
50
70
mV
ROUT_PU
Output Pull-Down Resistor
VIN = 5V, Switch Disabled
8
9.6
12
tR
VOUT Rise Time
RL = 10Ω, CL=10µF, 10% to 90%
-
100
-
µs
tF
Slow VOUT Turn-off Fall Time
RL = 10Ω, CL=10µF, 90% to 10%
-
200
-
µs
tF_fast
Fast VOUT Turn-off Fall Time
RL = 1Ω, CL=10µF, 80% to 20%
-
23
-
µs
CURRENT CONTROL
IOUT_CONT_5 Maximum Continuous Current,
VIN = 5V.
Guaranteed by Itrip minimum
specification.
ISL6185xA,B,E,F
-
0.6
A
IOUT_CONT_5
ISL6185xC,D,G,H
-
1.1
A
IOUT_CONT_5
ISL6185xI,J,K,L
-
1.5
A
IOUT_CONT_5
ISL61853M,N,O,P (10 Ld DFN)
-
1.8
A
IOUT_CONT_3 Maximum Continuous Current,
VIN = 3.3V.
Guaranteed by Itrip minimum
specification.
ISL6185xA,B,E,F
-
0.6
A
IOUT_CONT_3
ISL6185xC,D,G,H
-
0.9
A
IOUT_CONT_3
ISL61851I,J,K,L (SOIC)
-
1.3
A
IOUT_CONT_3
ISL61852, ISL61853 (DFN)
-
1.5
A
ISL6185


Similar Part No. - ISL61853BCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL61853BCRZ INTERSIL-ISL61853BCRZ Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results

Similar Description - ISL61853BCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
   USB Port Power Supply Controller
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com