Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8262HN Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8262HN
Description  Fully integrated satellite tuner
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8262HN Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8262HN Datasheet HTML 1Page - NXP Semiconductors TDA8262HN Datasheet HTML 2Page - NXP Semiconductors TDA8262HN Datasheet HTML 3Page - NXP Semiconductors TDA8262HN Datasheet HTML 4Page - NXP Semiconductors TDA8262HN Datasheet HTML 5Page - NXP Semiconductors TDA8262HN Datasheet HTML 6Page - NXP Semiconductors TDA8262HN Datasheet HTML 7Page - NXP Semiconductors TDA8262HN Datasheet HTML 8Page - NXP Semiconductors TDA8262HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
9397 750 13194
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 14 December 2004
3 of 30
Philips Semiconductors
TDA8262HN
Fully integrated satellite tuner
[1]
The product is qualified with an output voltage of 550 mV (p-p) differential, however larger values can be
used at baseband outputs that might have impact on the product performance.
[2]
Phase noise in optimal conditions, see related application note.
5.
Typical performances
Noise figure at maximum gain: 8 dB
High linearity:
– IIP2 = +2 dBm at −20 dBm input and 2.15 GHz
– IIP3 = +6 dBm at −20 dBm input and 2.15 GHz.
Low synthesizer noise floor:
−78 dBc/Hz at 1 kHz and 10 kHz offset with
fcomp = 1 MHz
AGC linearity: < 0.7 dB/step with a 8-bit DAC
Maximum I/Q amplitude mismatch: 1 dB
Maximum I/Q quadrature mismatch: 5
°
Symbol rates: from 1 MBd to 45 MBd.
6.
Ordering information
ΦN
osc
oscillator phase noise in
the satellite band
100 kHz offset;
fcomp = 1 MHz
[2] -
−100
−94
dBc/Hz
SNFSB
synthesizer noise floor in
the satellite band
1 kHz and 10 kHz
offset; fcomp = 1 MHz
[2] --
−78
dBc/Hz
AGC
amplifier gain control
range
55
60
-
dB
Tamb
ambient temperature
−20 -
+85
°C
Table 1:
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2:
Ordering information
Type number
Package
Name
Description
Version
TDA8262HN
HVQFN32
plastic thermal enhanced very thin quad flat package;
no leads; 32 terminals; body 5
× 5 × 0.85 mm
SOT617-1


Similar Part No. - TDA8262HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8260 PHILIPS-TDA8260 Datasheet
143Kb / 23P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
TDA8260TW PHILIPS-TDA8260TW Datasheet
143Kb / 23P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
TDA8263HN NXP-TDA8263HN Datasheet
159Kb / 28P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
More results

Similar Description - TDA8262HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8263HN NXP-TDA8263HN Datasheet
159Kb / 28P
   Fully integrated satellite tuner
Rev. 01-14 December 2004
CX24113A-12Z NXP-CX24113A-12Z Datasheet
671Kb / 2P
   Highly integrated, worldwide satellite silicon tuner
2008
logo
Sharp Corporation
BSFH77G15 SHARP-BSFH77G15 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G34 SHARP-BSFH77G34 Datasheet
54Kb / 2P
   Satellite Tuner
BSFJ77G19 SHARP-BSFJ77G19 Datasheet
57Kb / 2P
   Satellite Tuner
BSFH77G10 SHARP-BSFH77G10 Datasheet
53Kb / 2P
   Satellite Tuner
BSFJ77G10 SHARP-BSFJ77G10 Datasheet
57Kb / 2P
   Satellite Tuner
BSFH77G04 SHARP-BSFH77G04 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G06 SHARP-BSFH77G06 Datasheet
54Kb / 2P
   Satellite Tuner
BSFH77G25 SHARP-BSFH77G25 Datasheet
54Kb / 2P
   Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com