Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9882TS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA9882TS
Description  Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9882TS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA9882TS Datasheet HTML 6Page - NXP Semiconductors TDA9882TS Datasheet HTML 7Page - NXP Semiconductors TDA9882TS Datasheet HTML 8Page - NXP Semiconductors TDA9882TS Datasheet HTML 9Page - NXP Semiconductors TDA9882TS Datasheet HTML 10Page - NXP Semiconductors TDA9882TS Datasheet HTML 11Page - NXP Semiconductors TDA9882TS Datasheet HTML 12Page - NXP Semiconductors TDA9882TS Datasheet HTML 13Page - NXP Semiconductors TDA9882TS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
9397 750 13507
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 16 November 2004
10 of 45
Philips Semiconductors
TDA9882
Multistandard vision and QSS FM sound IF PLL demodulator
8.9 SIF amplifier
The SIF amplifier consists of three AC-coupled differential stages. Gain control is
performed by emitter degeneration. The total gain control range is typical 66 dB. The
differential input impedance is typical 2 k
Ω in parallel with 3 pF.
8.10 SIF AGC detector
SIF gain control is performed by the detection of the DC component of the
AM demodulator output signal. This DC signal is directly corresponding to the SIF voltage
at the output of the SIF amplifier so that a constant SIF signal is supplied to the
AM demodulator and to the single reference QSS mixer.
By switching the gain of the input amplifier of the SIF AGC detector dependent on
modulation select, the internal SIF level for FM sound is 5.5 dB lower than for AM sound.
This is done to adapt the SIF AGC characteristic to the VIF AGC characteristic. The
adaption is ideal for a picture-to-sound FM carrier ratio of 13 dB.
Via a comparator the integrated AGC capacitor is charged or discharged for the
generation of the required SIF gain. Due to AM sound, the AGC reaction time is slow
(fc < 20 Hz for the closed AGC loop). For reducing this AM sound time constant in the
event of a decreasing IF amplitude step, the load current of the AGC capacitor is
increased (fast mode) when the VIF AGC detector (at positive modulation mode) operates
in the fast mode too. An additional circuit (threshold approximately 7 dB) ensures a very
fast gain reduction for a large increasing IF amplitude step.
8.11 Single reference QSS mixer
With the present system high performance Hi-Fi stereo sound processing can be
achieved.
The single reference QSS mixer generates the 2nd FM TV sound intercarrier signal. It is
realized by a linear multiplier which multiplies the SIF amplifier output signal and the
VIF PLL VCO signal which is locked to the picture carrier.
The QSS mixer output signal is fed internally via a high-pass and low-pass combination to
the FM demodulator as well as via an operational amplifier to the QSS output pin QSSO.
8.12 AM demodulator
The amplitude modulated SIF amplifier output signal is fed both to a two-stage limiting
amplifier for removing the AM and to a linear multiplier. The result of the multiplication of
the SIF signal with the limiter output signal is AM demodulation (passive synchronous
demodulator). The demodulator output signal is fed via a low-pass filter for the attenuation
of carrier harmonics and via the input amplifier of the SIF AGC detector to the audio
amplifier.
8.13 FM demodulator and acquisition help circuit
The narrow-band FM PLL detector consists of:
Gain controlled FM amplifier and AGC detector
Narrow-band PLL.


Similar Part No. - TDA9882TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9880T PHILIPS-TDA9880T Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9881 NXP-TDA9881 Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9881HN NXP-TDA9881HN Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9881TS NXP-TDA9881TS Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
More results

Similar Description - TDA9882TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9881 NXP-TDA9881 Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9887TS NXP-TDA9887TS Datasheet
232Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA9808 PHILIPS-TDA9808 Datasheet
218Kb / 36P
   Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
1999 Jun 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com