Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9884TS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9884TS
Description  I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9884TS Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9884TS Datasheet HTML 1Page - NXP Semiconductors TDA9884TS Datasheet HTML 2Page - NXP Semiconductors TDA9884TS Datasheet HTML 3Page - NXP Semiconductors TDA9884TS Datasheet HTML 4Page - NXP Semiconductors TDA9884TS Datasheet HTML 5Page - NXP Semiconductors TDA9884TS Datasheet HTML 6Page - NXP Semiconductors TDA9884TS Datasheet HTML 7Page - NXP Semiconductors TDA9884TS Datasheet HTML 8Page - NXP Semiconductors TDA9884TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
TDA9884_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 12 May 2006
2 of 58
Philips Semiconductors
TDA9884
I2C-bus controlled multistandard alignment-free IF-PLL
I Four selectable I2C-bus addresses
I I2C-bus control for all functions
I I2C-bus transceiver with pin programmable MAD
3.
Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VP
supply voltage
[1][2] 4.5
5.0
5.5
V
IP
supply current
52
63
70
mA
Video part
Vi(VIF)(rms)
VIF input voltage sensitivity
(RMS value)
−1 dB video at output
-
60
100
µV
GVIF(cr)
VIF gain control range
see Figure 10
60
66
-
dB
fVIF
vision carrier operating
frequencies
see Table 19
-
33.4
-
MHz
-
33.9
-
MHz
-
38.0
-
MHz
-
38.9
-
MHz
-
45.75
-
MHz
-
58.75
-
MHz
∆fVIF
VIF frequency window of digital
acquisition help
related to fVIF; see Figure 7
-
±2.3
-
MHz
Vo(v)(p-p)
video output voltage
(peak-to-peak value)
see Figure 9
normal mode (sound
carrier trap active) and
sound carrier on
1.7
2.0
2.3
V
trap bypass mode and
sound carrier off
0.95
1.10
1.25
V
Gdif
differential gain
“ITU-T J.63 line 330”
[3]
B/G standard
-
-
5
%
L standard
-
-
7
%
ϕdif
differential phase
“ITU-T J.63 line 330”
-
2
4
deg
Bv(−1dB)
−1 dB video bandwidth
trap bypass mode and
sound carrier off; AC load;
CL < 20 pF; RL >1kΩ
56-
MHz
Bv(−3dB)(trap)
−3 dB video bandwidth
including sound carrier trap
ftrap = 4.5 MHz
[4] 3.95
4.05
-
MHz
ftrap = 5.5 MHz
[4] 4.90
5.00
-
MHz
ftrap = 6.0 MHz
[4] 5.40
5.50
-
MHz
ftrap = 6.5 MHz
[4] 5.50
5.95
-
MHz
αSC1
attenuation at first sound carrier M/N standard; f = 4.5 MHz
30
36
-
dB
B/G standard; f = 5.5 MHz
30
36
-
dB
S/NW
weighted signal-to-noise ratio
see Figure 5
[5] 56
59
-
dB
PSRRCVBS
power supply ripple rejection at
pin CVBS
fripple = 70 Hz; video signal;
grey level; positive and
negative modulation;
see Figure 8
20
25
-
dB


Similar Part No. - TDA9884TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9884TS PHILIPS-TDA9884TS Datasheet
231Kb / 55P
   I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
2003 Nov 28
More results

Similar Description - TDA9884TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9884TS PHILIPS-TDA9884TS Datasheet
231Kb / 55P
   I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
2003 Nov 28
TDA9885 PHILIPS-TDA9885 Datasheet
248Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
2003 Oct 02
TDA9886 NXP-TDA9886 Datasheet
283Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
Rev. 03-16 December 2008
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9887TS NXP-TDA9887TS Datasheet
232Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9143 PHILIPS-TDA9143 Datasheet
275Kb / 40P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
1996 Jan 17
logo
STMicroelectronics
STV223XD STMICROELECTRONICS-STV223XD Datasheet
1Mb / 76P
   I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
logo
NXP Semiconductors
TDA9899 NXP-TDA9899 Datasheet
511Kb / 103P
   Multistandard hybrid IF processing including car mobile
Rev. 03-15 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com