Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9882 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA9882
Description  Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9882 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA9882 Datasheet HTML 5Page - NXP Semiconductors TDA9882 Datasheet HTML 6Page - NXP Semiconductors TDA9882 Datasheet HTML 7Page - NXP Semiconductors TDA9882 Datasheet HTML 8Page - NXP Semiconductors TDA9882 Datasheet HTML 9Page - NXP Semiconductors TDA9882 Datasheet HTML 10Page - NXP Semiconductors TDA9882 Datasheet HTML 11Page - NXP Semiconductors TDA9882 Datasheet HTML 12Page - NXP Semiconductors TDA9882 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
9397 750 13507
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 16 November 2004
9 of 45
Philips Semiconductors
TDA9882
Multistandard vision and QSS FM sound IF PLL demodulator
The in-window and out-window control at the FM PLL can additionally be used to mute the
audio stage (if auto mute is selected via pins SIF1 and SIF2); see Table 6.
The principle working of the digital acquisition help circuit is as follows: The PLL VCO
output is connected to a downcounter which has a predefined start value (standard
dependent). The VCO frequency clocks the downcounter for a fixed gate time. Thereafter,
the downcounter stop value is analyzed. In the event that the stop value is higher (lower)
than the expected value range, the VCO frequency will be lower (higher) than the required
lock-in window frequency range. A positive (negative) control current is injected into the
PLL loop filter which causes the VCO frequency to be increased (decreased) and a new
counting cycle starts.
The gate time as well as the control logic of the acquisition help circuit is dependent on the
precision of the reference signal at pin REF. Operation as a crystal oscillator is possible as
well as connecting this input via a serial capacitor to an external reference frequency e.g.
the tuning system oscillator.
The AFC signal is derived from the corresponding downcounter stop value after a
counting cycle. The last four bits are latched and the digital-to-analog converted value is
given as current at pin AFC.
8.7 Video demodulator and amplifier
The video demodulator is realized by a multiplier which is designed for low distortion and
large bandwidth. The VIF signal is multiplied with the ‘in phase’ signal of the VIF PLL
VCO.
The demodulator output signal is fed into the video preamplifier via a level shift stage with
integrated low-pass filter to achieve carrier harmonics attenuation.
The output signal of the preamplifier is fed to the VIF AGC detector (see Section 8.3) and
also fed internally to the integrated sound carrier trap; see Section 8.8. The differential
trap output signal is converted and amplified by the following postamplifier. The video
output level at pin CVBS is 2 V (p-p).
Noise clipping is provided.
8.8 Sound carrier trap
The sound carrier trap consists of a reference filter, a phase detector and the sound trap
itself.
A sound carrier reference signal is fed into the reference low-pass filter and is shifted by
nominal 90 degrees. The phase detector compares the original reference signal with the
signal shifted by the reference filter and produces a DC voltage by charging or discharging
an integrated capacitor with a current proportional to the phase difference between both
signals, respectively to the frequency error of the integrated filters. The DC voltage
controls the frequency position of the reference filter and the sound trap. Thus the
accurate frequency position for the different standards is set by the sound carrier
reference signal.
The sound trap itself is constructed of three separate traps to realize sufficient
suppression of the first and second sound carrier.


Similar Part No. - TDA9882

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9880T PHILIPS-TDA9880T Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9881 NXP-TDA9881 Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9881HN NXP-TDA9881HN Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9881TS NXP-TDA9881TS Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
More results

Similar Description - TDA9882

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9881 NXP-TDA9881 Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9887TS NXP-TDA9887TS Datasheet
232Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA9808 PHILIPS-TDA9808 Datasheet
218Kb / 36P
   Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
1999 Jun 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com