Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1566J Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA1566J
Description  I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1566J Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA1566J Datasheet HTML 1Page - NXP Semiconductors TDA1566J Datasheet HTML 2Page - NXP Semiconductors TDA1566J Datasheet HTML 3Page - NXP Semiconductors TDA1566J Datasheet HTML 4Page - NXP Semiconductors TDA1566J Datasheet HTML 5Page - NXP Semiconductors TDA1566J Datasheet HTML 6Page - NXP Semiconductors TDA1566J Datasheet HTML 7Page - NXP Semiconductors TDA1566J Datasheet HTML 8Page - NXP Semiconductors TDA1566J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
TDA1566_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 20 August 2007
5 of 46
NXP Semiconductors
TDA1566
I2C-bus controlled dual channel/single channel amplifier
5.2 Pin description
Fig 4.
Pin configuration for non mounting base TDA1566J (front)
TDA1566J
001aad007
EN
ADS1
IN1
+
IN1
SGND
DIAG
VP1
1OHM
n.c.
OUT1
+
n.c.
PGND1
OUT1
n.c.
OUT2
+
PGND2
n.c.
OUT2
n.c.
PROG
VP2
IN2
+
IN2
SVR
SCL
SDA
TAB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
Table 2.
Pin description TDA1566TH
Symbol
Pin
Description
DIAG
1
diagnostic output
IN2+
2
positive input channel 2
IN2
3
negative input channel 2
SVR
4
supply voltage ripple decoupling
SCL
5
I2C-bus clock input
SDA
6
I2C-bus data input/output
EN
7
enable input
ADS2
8
I2C-bus address select bit 2
ADS1
9
I2C-bus address select bit 1
IN1+
10
positive input channel 1
IN1
11
negative input channel 1
SGND
12
signal ground


Similar Part No. - TDA1566J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1566 PHILIPS-TDA1566_15 Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
Rev. 02-20 August 2007
More results

Similar Description - TDA1566J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1566 PHILIPS-TDA1566_15 Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
Rev. 02-20 August 2007
TDF8599B NXP-TDF8599B_V01 Datasheet
569Kb / 54P
   I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
Rev. 2 ??23 August 2016
TDF8599 NXP-TDF8599 Datasheet
316Kb / 52P
   I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-13 November 2008
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599A PHILIPS-TDF8599A_15 Datasheet
520Kb / 55P
   I2C-bus controlled dual channel 135 W/4 ?? single channel 250 W/2 ??class-D power amplifier with load diagnostics
Rev. 3-2 May 2013
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
logo
Winchester Electronics ...
SDKA-89-15 WINCHESTER-SDKA-89-15 Datasheet
85Kb / 1P
   TERMINATION, TNC 50 OHM, 1%, 1/2 W
logo
NXP Semiconductors
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com