Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78215 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL78215
Description  Improved Industry Standard Single-Ended Current Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78215 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL78215 Datasheet HTML 2Page - Intersil Corporation ISL78215 Datasheet HTML 3Page - Intersil Corporation ISL78215 Datasheet HTML 4Page - Intersil Corporation ISL78215 Datasheet HTML 5Page - Intersil Corporation ISL78215 Datasheet HTML 6Page - Intersil Corporation ISL78215 Datasheet HTML 7Page - Intersil Corporation ISL78215 Datasheet HTML 8Page - Intersil Corporation ISL78215 Datasheet HTML 9Page - Intersil Corporation ISL78215 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ISL78215
6
FN7673.0
August 16, 2010
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD . . . . . . . . . . . . . GND - 0.3V to +20.0V
OUT . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VDD + 0.3V
Signal Pins . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 6.0V
Peak GATE Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A
ESD Rating
Human Body Model (Tested per JESD22-A11) . . . . . 2500V
Machine Model (Tested per JESD22-C101) . . . . . . . . . 75V
Charged Device Model (Tested per JESD22-A115) . . 1500V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . -40°C to +105°C
Supply Voltage Range (Typical, Note 6). . . . . . . .7.5V to 18V
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
MSOP Package (Notes 4, 5) . . . . . .
170
60
Maximum Junction Temperature . . . . . . . . -55°C to +150°C
Maximum Storage Temperature Range . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
5. For θJC, the “case temp” location is taken at the package top center.
6. All voltages are with respect to GND.
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to “Functional Block
Diagram” on page 3 and “Typical Application” schematics on page 4 and 5. VDD = 15V
(Note 10), Rt =10kΩ, Ct = 3.3nF, TA = -40 to +105°C, Typical values are at
TA = +25°C. Boldface limits apply over the operating temperature range, -40°C to
+105°C.
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS
UNDERVOLTAGE LOCKOUT
START Threshold
6.5
7.0
7.5
V
STOP Threshold
6.1
6.6
6.9
V
Hysteresis
-0.4
-
V
Start-up Current, IDD
VDD < START Threshold
-
60
100
µA
Operating Current, IDD
(Note 8)
-
3.3
4.0
mA
Operating Supply Current, ID
Includes 1nF GATE loading
-
4.1
5.5
mA
REFERENCE VOLTAGE
Overall Accuracy
Over line (VDD = 12V to 18V),
load, temperature
4.925
5.000
5.050
V
Long Term Stability
TA = +125°C, 1000 hours
(Note 9)
-5
-
mV
Fault Voltage
4.40
4.65
4.85
V
VREF Good Voltage
4.60
4.80
VREF - 0.05
V
Hysteresis
50
165
250
mV
Current Limit, Sourcing
-20
--
mA
Current Limit, Sinking
5
--
mA
CURRENT SENSE
Input Bias Current
VCS = 1V
-1.0
-
1.0
µA
CS Offset Voltage
VCS = 0V (Note 9)
95
100
105
mV
COMP to PWM Comparator Offset
Voltage
VCS = 0V (Note 9)
0.80
1.15
1.30
V
Input Signal, Maximum
0.91
0.97
1.03
V
Gain, ACS = ΔVCOMP/ΔVCS
0 < VCS < 910mV, VFB = 0V
(Note 9)
2.5
3.0
3.5
V/V


Similar Part No. - ISL78215

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78215 RENESAS-ISL78215 Datasheet
578Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL78215AUZ RENESAS-ISL78215AUZ Datasheet
578Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL78215AUZ-T RENESAS-ISL78215AUZ-T Datasheet
578Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results

Similar Description - ISL78215

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6840 INTERSIL-ISL6840_07 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840IRZ-T INTERSIL-ISL6840IRZ-T Datasheet
372Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
September 29, 2015
ISL6843CBZ-T INTERSIL-ISL6843CBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6843IBZ-T INTERSIL-ISL6843IBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6842 INTERSIL-ISL6842 Datasheet
264Kb / 9P
   Improved Industry Standard Single Ended Current Mode PWM Controller
ISL6840 INTERSIL-ISL6840 Datasheet
287Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6840 RENESAS-ISL6840 Datasheet
683Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6843IUZ-T INTERSIL-ISL6843IUZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840IUZ-T INTERSIL-ISL6840IUZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
logo
Renesas Technology Corp
ISL78215 RENESAS-ISL78215 Datasheet
578Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com