Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54216IRTZ-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL54216IRTZ-T
Description  USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54216IRTZ-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL54216IRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL54216IRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL54216IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL54216IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL54216IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54216IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54216IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54216IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54216IRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
FN7701.0
September 27, 2010
Pin Configuration
12 LD 2.2x1.4 µTQFN
TOP VIEW
12 LD 3x3 TQFN
TOP VIEW
NOTE:
1. ISL54216 Switches Shown for C1 = Logic “1” and C0 = Logic “0”.
10
12
9
C1
COM -
COM +
VDD
C0
8
7
11
6
4
5
2
1
3
3D+
2D-
2D+
GND
1D-
1D+
3D-
LOGIC
CONTROL
4MΩ
4MΩ
1
3
12
C1
COM -
COM +
VDD
C0
11
10
2
9
7
8
5
46
3D+
2D-
2D+
GND
1D-
1D+
3D-
LOGIC
CONTROL
4MΩ
4MΩ
PD
Pin Descriptions
µTQFN TQFN NAME
FUNCTION
11
3D+
USB3 Differential Input
22
2D-
USB2 Differential Input
33
2D+
USB2 Differential Input
4
4
1D-
USB1 Differential Input
55
1D+
USB1 Differential Input
6
6
GND
Ground Connection
7
7
COM+ Data Common Pin
8
8
COM- Data Common Pin
9
9
C1
Digital Control Input
10
10
C0
Digital Control Input
11
11
VDD Power Supply
12
12
3D-
USB3 Differential Input
-
PD
PD
Thermal Pad. Tie to Ground or Float
Truth Table
C1
C0
MODE
COMMENTS
0
0
Wired-OR Audio
All switches open
0
1
USB/UART #1
1D- and 1D+ ON
1
0
USB/UART #2
2D- and 2D+ ON
1
1
USB/UART #3
3D- and 3D+ ON
C0, C1: Logic “0” when ≤ 0.5V or float, Logic “1” when ≥ 1.4V
with VDD in range of 2.7V to 3.6V.
ISL54216


Similar Part No. - ISL54216IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54216IRTZ-T RENESAS-ISL54216IRTZ-T Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
More results

Similar Description - ISL54216IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54216 RENESAS-ISL54216 Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Intersil Corporation
ISL54217 INTERSIL-ISL54217_09 Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54214IRUZ-T INTERSIL-ISL54214IRUZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54217 RENESAS-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54217IRUZ-T INTERSIL-ISL54217IRUZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
ISL54214 INTERSIL-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
ISL54217 INTERSIL-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54214 RENESAS-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com