Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28118FUZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL28118FUZ
Description  40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28118FUZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL28118FUZ Datasheet HTML 1Page - Intersil Corporation ISL28118FUZ Datasheet HTML 2Page - Intersil Corporation ISL28118FUZ Datasheet HTML 3Page - Intersil Corporation ISL28118FUZ Datasheet HTML 4Page - Intersil Corporation ISL28118FUZ Datasheet HTML 5Page - Intersil Corporation ISL28118FUZ Datasheet HTML 6Page - Intersil Corporation ISL28118FUZ Datasheet HTML 7Page - Intersil Corporation ISL28118FUZ Datasheet HTML 8Page - Intersil Corporation ISL28118FUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774 | Copyright Intersil Americas Inc. 2010. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
40V Precision Single Supply Rail-to-Rail Output
Low Power Operational Amplifiers
ISL28118, ISL28218
The ISL28118 and ISL28218 are single and dual
precision, single supply rail-to-rail output amplifiers with
a common mode input voltage range extending to 0.5V
below the V- rail. These op amps feature low power, low
offset voltage, and low temperature drift, making them
the ideal choice for applications requiring both high DC
accuracy and AC performance. The devices can operate
from single (3V to 40V) or dual (±1.5V to ±20V)
supplies. The combination of precision and small
footprint provides the user with outstanding value and
flexibility relative to similar competitive parts.
Applications for these amplifiers include precision
instrumentation, data acquisition, precision power supply
controls, and industrial controls.
Both parts are offered in 8 Ld TDFN, 8 Ld SOIC and 8 Ld
MSOP packages. All devices are offered in standard pin
configurations and operate over the extended
temperature range of -40°C to +125°C.
Features
• Rail-to-Rail Output
• Below-Ground (V-) Input Capability to -0.5V
• Single Supply Range . . . . . . . . . . . . . . . . 3V to 40V
• Low Current Consumption . . . . . . . . . . . . . . 850µA
• Low Noise Voltage . . . . . . . . . . . . . . . . 5.6nV/√Hz
• Low Noise Current . . . . . . . . . . . . . . . . 355fA/√Hz
• Low Input Offset Voltage
- ISL28118 . . . . . . . . . . . . . . . . . . . . 150µV Max.
- ISL28218 . . . . . . . . . . . . . . . . . . . . 230µV Max.
• Superb Offset Voltage Temperature Drift
- ISL28118 . . . . . . . . . . . . . . . . . . 1.2µV/°C, Max.
- ISL28218 . . . . . . . . . . . . . . . . . . 1.4µV/°C, Max.
• Operating Temperature Range . . . .-40°C to +125°C
• No Phase Reversal
Applications
• Precision Instruments
• Medical Instrumentation
• Data Acquisition
•Power Supply Control
• Industrial Process Control
Typical Application
Input Offset Voltage vs Input
Common Mode Voltage, VS = ±15V
IN-
IN+
RF
RREF+
ISL28118
+3V
V-
V+
RIN-
10kΩ
RIN+
10kΩ
-
+
100kΩ
VREF
100kΩ
VOUT
LOAD
RSENSE
SINGLE-SUPPLY, LOW-SIDE CURRENT SENSE AMPLIFIER
GAIN = 10
to 40V
INPUT COMMON MODE VOLTAGE (V)
-500
-400
-300
-200
-100
0
100
200
300
400
500
-17 -16 -15 -14 -13 -12
13
14
15
10 11
12
-40°C
+25°C
+125°C
November 22, 2010
FN7532.1


Similar Part No. - ISL28118FUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28118FUZ RENESAS-ISL28118FUZ Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118FUZ INTERSIL-ISL28118FUZ Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
More results

Similar Description - ISL28118FUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108 INTERSIL-ISL28108 Datasheet
1Mb / 25P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com