Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54216IRUZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL54216IRUZ-T
Description  USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54216IRUZ-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL54216IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54216IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54216IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54216IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54216IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54216IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54216IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54216IRUZ-T Datasheet HTML 11Page - Intersil Corporation ISL54216IRUZ-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
FN7701.0
September 27, 2010
Application Block Diagrams
Detailed Description
The ISL54216 device consists of dual SP3T (single
pole/triple throw) analog switches. It operates from a
single DC power supply in the range of 2.7V to 4.6V. It
was designed to function as differential 3 to 1 multiplexer
to select between three different differential data signals.
Its offered in tiny µTQFN and TQFN packages for use in
MP3 players, PDAs, cellphones, and other personal media
players.
A device consists of six 6Ω data switches. They were
designed to pass high-speed USB differential data signals
with minimal edge and phase distortion. They can swing
rail-to-rail to pass UART and full-speed USB signals.
The COM pins can accept signals that swing below
ground by as much as -2V. This allows an audio source to
be wired-or connected at the COM pins.
The ISL54216 was specifically designed for MP3 players,
personal media players and cellphone applications that
need to combine three differential data channels into a
single shared connector, thereby saving space and
component cost. This functionality is shown in the Typical
Application Block Diagram.
A detailed description of the switches is provided in the
following sections.
Data Switches
The six data switches (1D+, 1D-, 2D+, 2D-, 3D+, 3D-)
are 6Ω bidirectional switches that were specifically
designed to pass high-speed USB differential data signals
in the range of 0V to 400mV. The switches have low
capacitance and high bandwidth to pass USB high-speed
signals (480Mbps) with minimum edge and phase
distortion to meet USB 2.0 signal quality specifications.
See Figures 11 and 12 for high-speed Eye Pattern taken
with switch in the signal path.
These switches can also swing rail-to-rail and pass USB
full-speed (12Mbps) and UART signals with minimal
distortion. See Figure 13 for USB full-speed Eye Pattern
taken with switch in the signal path.
The maximum normal operating signal range for the USB
switches is from -1V to VDD. The signal voltage at D- and
D+ should not be allow to exceed the VDD voltage rail or
go below ground by more than -1V for normal operation.
Fault Protection and Power-Off Protection
However, in the event that the USB 5.25V VBUS voltage
were shorted to one or both of the COM pins, the
ISL54216 has fault protection circuitry to prevent
damage to the ISL54216 part. The fault circuitry allows
the signal pins (COM-, COM+, 1D-, 1D+, 2D-, 2D+, 3D-,
3D+) to be driven up to 5.25V while the VDD supply
voltage is in the range of 0V to 4.6V. This fault condition
causes no stress to the IC.
In addition when VDD is at 0V (ground) all switches are
OFF and the fault voltage is isolated from the other side
of the switch (Power-Off Protection).
When VDD is in the range of 2.7V to 4.6V, the fault
voltage will pass through to the output of an active
switch channel. Note: During the fault condition normal
operation is not guaranteed until the fault condition is
removed.
ISL54216 Operation
The discussion that follows will discuss using the
ISL54216 in the “Application Block Diagrams” on
page 8.
ISL54216
USB
TRANSCEIVER
UART
COM -
COM +
C1
GND
1D+
1D-
2D+
2D-
VDD
C0
LOGIC CONTROL
µCONTROLLER
VBUS
3.3V
3D-
USB
4MΩ
TRANSCEIVER
3D+
AUDIO
CODEC
ISL54406
HEAD
PHONE
JACK
100Ω
ISL54216


Similar Part No. - ISL54216IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54216IRUZ-T RENESAS-ISL54216IRUZ-T Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
More results

Similar Description - ISL54216IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54216 RENESAS-ISL54216 Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Intersil Corporation
ISL54217 INTERSIL-ISL54217_09 Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54214IRUZ-T INTERSIL-ISL54214IRUZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54217 RENESAS-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54217IRUZ-T INTERSIL-ISL54217IRUZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
ISL54214 INTERSIL-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
ISL54217 INTERSIL-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54214 RENESAS-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com