Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8036A Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL8036A
Description  Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8036A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL8036A Datasheet HTML 2Page - Intersil Corporation ISL8036A Datasheet HTML 3Page - Intersil Corporation ISL8036A Datasheet HTML 4Page - Intersil Corporation ISL8036A Datasheet HTML 5Page - Intersil Corporation ISL8036A Datasheet HTML 6Page - Intersil Corporation ISL8036A Datasheet HTML 7Page - Intersil Corporation ISL8036A Datasheet HTML 8Page - Intersil Corporation ISL8036A Datasheet HTML 9Page - Intersil Corporation ISL8036A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ISL8036, ISL8036A
6
FN6853.1
October 18, 2010
14
SS
SS is used to adjust the soft-start time. Connect a capacitor from SS to SGND to adjust the soft-
start time (current sharing). CSS should not be larger than 33nF. This capacitor, along with an
internal 5µA current source sets the soft-start interval of the converter, tSS.
15
VDD
Input supply voltage for the logic. VDD to be at the same potential as VIN +0.3/-0.5V.
20, 21
PGND1
Negative supply for the power stage of Channel 1.
18, 19
LX1
Switching node connection for Channel 1. Connect to one terminal of inductor for VOUT1.
16, 17
2, 3
VIN1,
VIN2
Input supply voltage. Connect 22µF ceramic capacitor to power ground per channel.
25
PAD
The exposed pad must be connected to the SGND pin for proper electrical performance. Add as much
vias as possible for optimal thermal performance.
Pin Descriptions (Continued)
PIN
NUMBER
SYMBOL
DESCRIPTION
C
SS μF
[]
6.25 t
SS s
[]
=
(EQ. 1)
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL8036IRZ
80 36IRZ
-40 to +85
24 Ld 4x4 QFN
L24.4x4D
ISL8036IRZ-T (Note 1)
80 36IRZ
-40 to +85
24 Ld 4x4 QFN
L24.4x4D
ISL8036AIRZ
80 36AIRZ
-40 to +85
24 Ld 4x4 QFN
L24.4x4D
ISL8036AIRZ-T (Note 1)
80 36AIRZ
-40 to +85
24 Ld 4x4 QFN
L24.4x4D
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and
100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the
Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL8036, ISL8036A. For more information on MSL,
please see Technical Brief TB363.


Similar Part No. - ISL8036A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8036A RENESAS-ISL8036A Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL8036ACRSHEVAL1Z RENESAS-ISL8036ACRSHEVAL1Z Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL8036ADUALEVAL1Z RENESAS-ISL8036ADUALEVAL1Z Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL8036AIRZ RENESAS-ISL8036AIRZ Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL8036AIRZ-T RENESAS-ISL8036AIRZ-T Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL8036A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8036 RENESAS-ISL8036 Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL78236 RENESAS-ISL78236 Datasheet
2Mb / 24P
   Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78236ARZ INTERSIL-ISL78236ARZ Datasheet
1Mb / 24P
   Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
April 28, 2014
logo
Micrel Semiconductor
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
   High Efficiency 1MHz Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8013 INTERSIL-ISL8013 Datasheet
1Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013 RENESAS-ISL8013 Datasheet
2Mb / 18P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Fitipower Integrated Te...
FP6373A FITIPOWER-FP6373A Datasheet
1Mb / 13P
   High Efficiency 1MHz 3A Synchronous Step Down Regulator
logo
Intersil Corporation
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
   Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com