Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC2G157DCT Datasheet(PDF) 24 Page - Texas Instruments

Part # SN74LVC2G157DCT
Description  Contains all support circuitry needed for the ADS1146/ADS1246
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G157DCT Datasheet(HTML) 24 Page - Texas Instruments

Back Button SN74LVC2G157DCT Datasheet HTML 19Page - Texas Instruments SN74LVC2G157DCT Datasheet HTML 20Page - Texas Instruments SN74LVC2G157DCT Datasheet HTML 21Page - Texas Instruments SN74LVC2G157DCT Datasheet HTML 22Page - Texas Instruments SN74LVC2G157DCT Datasheet HTML 23Page - Texas Instruments SN74LVC2G157DCT Datasheet HTML 24Page - Texas Instruments SN74LVC2G157DCT Datasheet HTML 25Page - Texas Instruments SN74LVC2G157DCT Datasheet HTML 26Page - Texas Instruments SN74LVC2G157DCT Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Schematics and Layout
www.ti.com
Table 7. ADS1146EVM/ADS1246EVM Bill of Materials (continued)
Item No.
Qty
Value
Ref Des
Description
Vendor
Part Number
23
0
RA2
Resistor, Chip Array 4
Independent Bus 100k
Ω, 5%,
1/16W, SMD
24
1
10k
R1
Resistor, Thick Film Chip
Panasonic
ERJ-3GEYJ103V
10k
Ω, 5%, 1/10W, Size = 0603
25
1
2k
R2
Resistor, Thick Film Chip 2k
Ω,
Panasonic
ERJ-3EKF2001V
1%, 1/16W, Size = 0603
26
4
47
R3, R4, R7, R10
Resistor, Thick Film Chip 47
Ω,
Panasonic
ERJ-3GEYJ470V
5%, 1/10W, Size = 0603
27
2
2.7k
R5, R6
Resistor, Thick Film Chip
Panasonic
ERJ-3GEYJ272V
2.7k
Ω, 5%, 1/10W, Size =
0603
28
2
100k
R8, R13
Resistor, Thick Film Chip
Panasonic
ERJ-3GEYJ104V
100k
Ω, 5%, 1/10W, Size =
0603
29
1
47k
R11
Resistor, Thick Film Chip
Panasonic
ERJ-3GEYJ473V
47k
Ω, 5%, 1/10W, Size = 0603
30
2
0
R14, R15
Resistor, Thick Film Chip 0
Ω,
Panasonic
ERJ-3GEY0R00V
5%, 1/10W, Size = 0603
31
2
470k
R9, R12
Resistor, Thick Film Chip
Panasonic
ERJ-3GEYJ474V
470k
Ω, 5%, 1/10W, Size =
0603
32
1
S1
Switch, Mini Slide, SP3T
NKK
SS14MDP2
33
0
TP1, TP2, TP4
PCB Test Point, Mini Loop,
Through-Hole
34
1
TP3
PCB Test Point, Large Loop,
Keystone
5011
Through-Hole
Electronics
35
1
U1
Precision Voltage Reference,
Texas Instruments
REF5020ID
2.048V
36
1
U2
Precision Operational Amplifier
Texas Instruments
OPA227U
37
1
U3
Texas Instruments
PCA9535RGE
16-Bit I2C I/O Expander
38
1
U4
Inverter, Single Gate
Texas Instruments
SN74AHCT1G04DBVR
39
1
U5
Buffer, Open Drain, Single
Texas Instruments
SN74LVC1G07DBVRG
Gate
4
40
1
U6
LDO Voltage Regulator, 2.5V,
Texas Instruments
TPS79225DBVRG4
100mA
41
1
U7
Single, 2-Line to 1 Data
Texas Instruments
SN74LVC2G157DCT
Selector/Multiplexer
42
0
U8
3.3 V Oscillator
43
1
U9
LDO Voltage Regulator, 2.5V,
Texas Instruments
TPS72325DBVTG4
200mA
44
1
U10
Precision Delta-Sigma ADC,
Texas Instruments
ADS1246IPW/ADS114
24-bit/16-bit
6IPW
45
1
U11
EEPROM, 1.8V, 256k
Microchip
24AA256-I/ST
46
1
U12
Supervisor, 2.64V Threshold
Texas Instruments
TPS3836L30DBVT
47
8
N/A
Shorting Blocks
Samtec
SNT-100-BK-T
24
ADS1146EVM, ADS1246EVM, ADS1146EVM-PDK, ADS1246EVM-PDK
SBAU149A – June 2009 – Revised July 2009
Submit Documentation Feedback


Similar Part No. - SN74LVC2G157DCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G157DCT TI1-SN74LVC2G157DCT Datasheet
1Mb / 34P
[Old version datasheet]   Contains all support circuitry needed for the ADS1148/ADS1248
SN74LVC2G157DCT TI1-SN74LVC2G157DCT Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
SN74LVC2G157DCT TI1-SN74LVC2G157DCT Datasheet
1,006Kb / 24P
[Old version datasheet]   Single 2-Line to 1-Line Data Selector Multiplexer
SN74LVC2G157DCT3 TI1-SN74LVC2G157DCT3 Datasheet
1,006Kb / 24P
[Old version datasheet]   Single 2-Line to 1-Line Data Selector Multiplexer
SN74LVC2G157DCTR TI-SN74LVC2G157DCTR Datasheet
346Kb / 13P
[Old version datasheet]   SINGL 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
More results

Similar Description - SN74LVC2G157DCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS79XXEVM TI1-ADS79XXEVM Datasheet
1Mb / 32P
[Old version datasheet]   Contains all support circuitry needed
ADS1174EVM TI1-ADS1174EVM Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
ADS1148EVM TI1-ADS1148EVM Datasheet
1Mb / 34P
[Old version datasheet]   Contains all support circuitry needed for the ADS1148/ADS1248
logo
Altera Corporation
DE2-115 ALTERA-DE2-115 Datasheet
8Mb / 116P
   The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
logo
Silicon Laboratories
SI1102EK SILABS-SI1102EK Datasheet
654Kb / 3P
   The Si1102 Evaluation Kit contains the following items
Rev. 0.1 10/09
logo
Texas Instruments
DAC5573EVM TI-DAC5573EVM Datasheet
323Kb / 26P
[Old version datasheet]   This document contains the following chapters
logo
Tyco Electronics
408-4785 MACOM-408-4785 Datasheet
97Kb / 2P
   This instruction sheet contains the assembly
logo
Zilog, Inc.
Z51F0811 ZILOG-Z51F0811 Datasheet
1Mb / 52P
   The Z51F0811 Evaluation Board contains the following components
logo
PHOENIX CONTACT
2702132 PHOENIX-2702132 Datasheet
128Kb / 10P
   The bus coupler for the PROFIBUS has 4 digital outputs and 8 digital inputs. This package contains all the necessary Inline connectors for connecting the supply and the I/Os.
logo
EM Microelectronic - MA...
EMDB65XX EMMICRO-EMDB65XX Datasheet
979Kb / 9P
   This board contains the different MFP?셲
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com