Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC2T45 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC2T45
Description  Dual supply translating transceiver; 3-state
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2T45 Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC2T45_1 Datasheet HTML 1Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 2Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 3Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 4Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 5Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 6Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 7Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 8Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 20 August 2010
4 of 36
NXP Semiconductors
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
[2]
The input circuit of the data I/O is always active.
[3]
When either VCC(A) or VCC(B) is at GND level, the device goes into suspend mode.
Fig 5.
Pin configuration SOT996-2
Fig 6.
Pin configuration SOT902-1
001aaj617
74LVC2T45
74LVCH2T45
Transparent top view
8
7
6
5
1
2
3
4
VCC(A)
1A
2A
GND
VCC(B)
1B
2B
DIR
001aai906
1A
2B
VCC(A)
2A
1B
DIR
Transparent top view
3
6
1
5
7
2
terminal 1
index area
74LVC2T45
74LVCH2T45
Table 3.
Pin description
Symbol
Pin
Description
SOT765-1, SOT833-1, SOT1089,
SOT996-2, SOT1116 and SOT1203
SOT902-1
VCC(A)
1
7
supply voltage A (port A and DIR)
1A
2
6
data input or output
2A
3
5
data input or output
GND
4
4
ground (0 V)
DIR
5
3
direction control
2B
6
2
data input or output
1B
7
1
data input or output
VCC(B)
8
8
supply voltage B (port B)
Table 4.
Function table[1]
Supply voltage
Input
Input/output[2]
VCC(A), VCC(B)
DIR
nA
nB
1.2 V to 5.5 V
L
nA = nB
input
1.2 V to 5.5 V
H
input
nB = nA
GND[3]
XZ
Z


Similar Part No. - 74LVC2T45_1

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC2T45-Q100 NEXPERIA-74LVC2T45-Q100 Datasheet
377Kb / 30P
   Dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC2T45DC NXP-74LVC2T45DC Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45DC NEXPERIA-74LVC2T45DC Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC2T45DC-Q100 NEXPERIA-74LVC2T45DC-Q100 Datasheet
377Kb / 30P
   Dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC2T45GD NXP-74LVC2T45GD Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
More results

Similar Description - 74LVC2T45_1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
   Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74AVCH1T45 NXP-74AVCH1T45 Datasheet
789Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 01-25 October 2007
logo
Nexperia B.V. All right...
74LVC1T45-Q100 NEXPERIA-74LVC1T45-Q100 Datasheet
349Kb / 28P
   Dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC1T45 PHILIPS-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC_LVCH1T45 PHILIPS-74LVC_LVCH1T45_15 Datasheet
292Kb / 33P
   Dual supply translating transceiver; 3-state
Rev. 6-6 August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com