Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA-2224 Datasheet(PDF) 1 Page - Tensility International Corp.

Part # CA-2224
Description  Cable, 1830 mm, 6.5x3.0x12 mm 50-00090 dc plug to stripped tinned, 18 AWG, UL2468
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

CA-2224 Datasheet(HTML) 1 Page - Tensility International Corp.

  CA-2224 Datasheet HTML 1Page - Tensility International Corp. CA-2224 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
part number:
description:
date:
unit:
page:
rev:
ph 661.702.0035 fx 661.702.0038
29033 Avenue Sherman Ste 203 Valencia, CA 91355
www.tensility.com
03/29/10
mm
A
CA-2224
Cable, 1830 mm, 6.5x3.0x12 mm 50-00090
dc plug to stripped tinned, 18 AWG, UL2468
Specifications:
plug description (1)
dc plug, 6.5x3.0x24 mm, molding style, P/N 50-00090
plug overmold (2)
30P, PVC, black
cable description (3)
UL2468, 0.16 x 41 strands, 2 conductor twin wire, PVC
cable outer diameter
Ø4.4 (2.2 x 2) mm
cable color
black
cable gauge
AWG #18
cable length
1830 ± 50
twist tie (4)
black, 89 ± 3
Notes:
Function test: no open, no reversed polarity, no short circuit, no INT
Hi-POT test: 600 Vac, 0.5 mA, 1 sec.
RoHS compliant
Mechanical drawing:
1 of 2
Initial
Date
tolerance
X: ±0.5 mm
.X: ±0.3 mm
.XX: ±0.05 mm
applicable unless otherwise indicated in specification or on drawings


Similar Part No. - CA-2224

ManufacturerPart #DatasheetDescription
logo
Tensility International...
CA-2220 TENSILITY-CA-2220 Datasheet
116Kb / 2P
   Extension cable, 3.5x1.3 mm dc jack to right angle P7, 3 feet, 24 AWG, zip cord
CA-2221 TENSILITY-CA-2221 Datasheet
102Kb / 2P
   Cable, 1830 mm, 3.2x0.9x9.0 mm 50-00074 3 conductor dc plug, 24 AWG, round
CA-2222 TENSILITY-CA-2222 Datasheet
83Kb / 2P
   Cable, 1830 mm, 5.5x2.1x12 mm, twist lock 50-00070 dc plug to stripped tinned, 18 AWG, UL2468
CA-2223 TENSILITY-CA-2223 Datasheet
80Kb / 2P
   Cable, 1830 mm, 5.5x2.5x12 mm, twist lock 50-00072 dc plug to stripped tinned, 18 AWG, UL2468
More results

Similar Description - CA-2224

ManufacturerPart #DatasheetDescription
logo
Tensility International...
CA-2222 TENSILITY-CA-2222 Datasheet
83Kb / 2P
   Cable, 1830 mm, 5.5x2.1x12 mm, twist lock 50-00070 dc plug to stripped tinned, 18 AWG, UL2468
CA-2223 TENSILITY-CA-2223 Datasheet
80Kb / 2P
   Cable, 1830 mm, 5.5x2.5x12 mm, twist lock 50-00072 dc plug to stripped tinned, 18 AWG, UL2468
CA-2192 TENSILITY-CA-2192 Datasheet
111Kb / 2P
   Cable, 1830 mm, 2.35x0.7x9.5 mm dc plug to stripped tinned, 24 AWG, UL2468, zip cord
CA-2200 TENSILITY-CA-2200 Datasheet
256Kb / 2P
   Cable, 1830 mm, 5.5x2.5x10 mm, right angle dc plug to stripped tinned, 18 AWG, UL2468 zip cord
10-01070 TENSILITY-10-01070 Datasheet
336Kb / 2P
   Cable, 1830 mm, 3.5x1.35x9.5 mm 50-00056 dc plug to stripped tinned, 24 AWG
CA-2198 TENSILITY-CA-2198 Datasheet
97Kb / 2P
   Cable, 1830 mm, 4.0x1.7x10 mm right angle dc plug to stripped tinned, 24 AWG, UL2468, zip cord
10-00113 TENSILITY-10-00113 Datasheet
84Kb / 3P
   Cable, 2000 mm, 50-00010 locking dc plug to stripped/tinned leads, 18 AWG, UL2468
10-00120 TENSILITY-10-00120 Datasheet
84Kb / 3P
   Cable, 2000 mm, 50-00011 locking dc plug to stripped tinned leads, 18 AWG, UL2468
10-01063 TENSILITY-10-01063 Datasheet
337Kb / 2P
   Cable, 1830 mm, 5.5x2.1x12 mm 50-00024 dc plug to stripped tinned, 18 AWG, 30-00007 wire
10-01060 TENSILITY-10-01060 Datasheet
336Kb / 2P
   Cable, 1830 mm, 5.5x2.5x12 mm 50-00026 dc plug to stripped tinned, 18 AWG, 30-00007 wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com