Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL3S1213FTB0 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SL3S1213FTB0
Description  UCODE G2iL and G2iL
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1213FTB0 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SL3S1213FTB0 Datasheet HTML 4Page - NXP Semiconductors SL3S1213FTB0 Datasheet HTML 5Page - NXP Semiconductors SL3S1213FTB0 Datasheet HTML 6Page - NXP Semiconductors SL3S1213FTB0 Datasheet HTML 7Page - NXP Semiconductors SL3S1213FTB0 Datasheet HTML 8Page - NXP Semiconductors SL3S1213FTB0 Datasheet HTML 9Page - NXP Semiconductors SL3S1213FTB0 Datasheet HTML 10Page - NXP Semiconductors SL3S1213FTB0 Datasheet HTML 11Page - NXP Semiconductors SL3S1213FTB0 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SL3S1203_1213_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 9 November 2010
198732
8 of 22
NXP Semiconductors
SL3S1203_1213
UCODE G2iL and G2iL+
10.1.2 Fail die identification
No inkdots are applied to the wafer.
Electronic wafer mapping (SECS II format) covers the electrical test results and
additionally the results of mechanical/visual inspection.
See Ref. 20 “Data sheet - Delivery type description – General specification for 8” wafer on
UV-tape with electronic fail die marking, BU-ID document number: 1093**”
10.1.3 Map file distribution
See Ref. 20 “Data sheet - Delivery type description – General specification for 8” wafer on
UV-tape with electronic fail die marking, BU-ID document number: 1093**”
Bump size
– RFP, RFN
60 × 60 μm
– OUT, VDD
60 × 60 μm
Bump size variation
± 5 μm
Table 6.
Specifications


Similar Part No. - SL3S1213FTB0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL3S1213FUD NXP-SL3S1213FUD Datasheet
364Kb / 42P
   UCODE G2iL and G2iL
Rev. 4.5-12 February 2019
SL3S1213FUDBG NXP-SL3S1213FUDBG Datasheet
364Kb / 42P
   UCODE G2iL and G2iL
Rev. 4.5-12 February 2019
SL3S1213FUF NXP-SL3S1213FUF Datasheet
364Kb / 42P
   UCODE G2iL and G2iL
Rev. 4.5-12 February 2019
More results

Similar Description - SL3S1213FTB0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL3S1203 NXP-SL3S1203 Datasheet
364Kb / 42P
   UCODE G2iL and G2iL
Rev. 4.5-12 February 2019
SL3S1004 NXP-SL3S1004 Datasheet
591Kb / 33P
   UCODE 7xm and UCODE 7xm
Rev. 3.2-27 July 2016
SL3S10X4 NXP-SL3S10X4 Datasheet
336Kb / 39P
   UCODE 7xm-1k, UCODE 7xm-2k and UCODE 7xm
Rev. 3.4 - 16 June 2020
SL3S1204 NXP-SL3S1204 Datasheet
347Kb / 40P
   UCODE 7
Rev. 4.0-5 March 2019
SL3S4011 NXP-SL3S4011 Datasheet
314Kb / 30P
   UCODE I2C
Rev.3.5-18 September 2018
SL3S1003_1013 NXP-SL3S1003_1013 Datasheet
442Kb / 43P
   UCODE G2iM and G2iM
Rev. 3.7-21 May 2015
SL3S1002FTB1,115 NXP-SL3S1002FTB1,115 Datasheet
254Kb / 51P
   UCODE G2XM and G2XL
Rev. 3.7-9 October 2012
SL3S1003 NXP-SL3S1003 Datasheet
396Kb / 48P
   UCODE G2iM and G2iM
Rev. 3.8-5 February 2019
SL3ICS30 PHILIPS-SL3ICS30 Datasheet
56Kb / 9P
   UCODE HSL
October 2003
SL3S1214 NXP-SL3S1214 Datasheet
308Kb / 34P
   UCODE 7m
Rev. 3.4-6 March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com