Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA19977BHV Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA19977BHV
Description  Triple input HDMI 1.4a compliant receiver interface with equalizer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA19977BHV Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA19977BHV Datasheet HTML 2Page - NXP Semiconductors TDA19977BHV Datasheet HTML 3Page - NXP Semiconductors TDA19977BHV Datasheet HTML 4Page - NXP Semiconductors TDA19977BHV Datasheet HTML 5Page - NXP Semiconductors TDA19977BHV Datasheet HTML 6Page - NXP Semiconductors TDA19977BHV Datasheet HTML 7Page - NXP Semiconductors TDA19977BHV Datasheet HTML 8Page - NXP Semiconductors TDA19977BHV Datasheet HTML 9Page - NXP Semiconductors TDA19977BHV Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
TDA19977A_TDA19977B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 19 November 2010
6 of 40
NXP Semiconductors
TDA19977A; TDA19977B
Triple input HDMI receiver interface with digital processing
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration for TDA19977A; TDA19977B
TDA19977
001aai382
108
73
1
36
Table 3.
Pin description
Symbol
Pin
Type[1]
Description
VSSC
1
G
ground for the digital core
PD
2
I
power-down control input (active HIGH)
VDDH(3V3)
3
P
HDMI receiver supply voltage; 3.3 V
n.c.
4
I
not connected
n.c.
5
I
not connected
VSSH
6
G
HDMI receiver ground
RXCC
7
I
HDMI input C negative clock channel
RXCC+
8
I
HDMI input C positive clock channel
VDDH(3V3)
9
P
HDMI receiver supply voltage; 3.3 V
n.c.
10
I
not connected
n.c.
11
I
not connected
VSSH
12
G
HDMI receiver ground
RXC0
13
I
HDMI input C negative data channel 0
RXC0+
14
I
HDMI input C positive data channel 0
VDDH(1V8)
15
P
HDMI receiver supply voltage; 1.8 V
n.c.
16
I
not connected
n.c.
17
I
not connected
VSSH
18
G
HDMI receiver ground
RXC1
19
I
HDMI input C negative data channel 1
RXC1+
20
I
HDMI input C positive data channel 1
VDDH(3V3)
21
P
HDMI receiver supply voltage; 3.3 V
n.c.
22
I
not connected
n.c.
23
I
not connected


Similar Part No. - TDA19977BHV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA19978A NXP-TDA19978A Datasheet
287Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 03-16 April 2010
TDA19978AHV NXP-TDA19978AHV Datasheet
287Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 03-16 April 2010
TDA19978B NXP-TDA19978B Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
TDA19978BHV NXP-TDA19978BHV Datasheet
283Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 02-10 May 2010
More results

Similar Description - TDA19977BHV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59911 INTERSIL-ISL59911 Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Renesas Technology Corp
ISL59911 RENESAS-ISL59911 Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
logo
Intersil Corporation
ISL59911IRZ INTERSIL-ISL59911IRZ Datasheet
2Mb / 17P
   250MHz Triple Differential Receiver/ Equalizer with I2C Interface
September 2, 2011
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
logo
Intersil Corporation
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
   Triple Differential Receiver/Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com