Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC1008D750HN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # DAC1008D750HN
Description  Dual 10-bit DAC up to 750 Msps 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1008D750HN Datasheet(HTML) 5 Page - NXP Semiconductors

  DAC1008D750HN Datasheet HTML 1Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 2Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 3Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 4Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 5Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 6Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 7Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 8Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 99 page
background image
DAC1008D750_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 01 — 4 October 2010
5 of 99
NXP Semiconductors
DAC1008D750
2
×, 4× or 8× interpolating with JESD204A
AGND
12
G
analog ground
AUXBN
13
O
complementary auxiliary DAC B output
AUXBP
14
O
auxiliary DAC B output
VDDA(3V3)
15
P
analog supply voltage 3.3 V
AGND
16
G
analog ground
VDDA(1V8)
17
P
analog supply voltage 1.8 V
AGND
18
G
analog ground
VDDA(1V8)
19
P
analog supply voltage 1.8 V
VDDA(1V8)
20
P
analog supply voltage 1.8 V
AGND
21
G
analog ground
IOUTBN
22
O
complementary DAC B output current
IOUTBP
23
O
DAC B output current
AGND
24
G
analog ground
AGND
25
G
analog ground
IOUTAP
26
O
DAC A output current
IOUTAN
27
O
complementary DAC A output current
AGND
28
G
analog ground
VDDA(1V8)
29
P
analog supply voltage 1.8 V
VDDA(1V8)
30
P
analog supply voltage 1.8 V
AGND
31
G
analog ground
VDDA(1V8)
32
P
analog supply voltage 1.8 V
AGND
33
G
analog ground
VDDA(3V3)
34
P
analog supply voltage 3.3 V
AUXAP
35
O
auxiliary DAC A output current
AUXAN
36
O
complementary auxiliary DAC A output current
AGND
37
G
analog ground
VDDA(1V8)
38
P
analog supply voltage 1.8 V
VDDA(1V8)
39
P
analog supply voltage 1.8 V
AGND
40
G
analog ground
CLKINP
41
I
clock input
CLKINN
42
I
complementary clock input
AGND
43
G
analog ground
VDDA(1V8)
44
P
analog supply voltage 1.8 V
MDS_P
45
I/O
multi-device synchronization
MDS_N
46
I/O
complementary multi-device synchronization
VDDD(1V8)
47
P
digital supply voltage 1.8 V
n.c.
48
-
not connected
VDDD(1V8)
49
P
digital supply voltage 1.8 V
SYNC_OUTN
50
O
synchronization request to transmitter, complementary
output
SYNC_OUTP
51
O
synchronization request to transmitter
Table 2.
Pin description …continued
Symbol
Pin
Type[1]
Description


Similar Part No. - DAC1008D750HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1008D750HN NXP-DAC1008D750HN Datasheet
564Kb / 99P
   Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Rev. 2-5 January 2011
logo
Renesas Technology Corp
DAC1008D750HN RENESAS-DAC1008D750HN Datasheet
632Kb / 97P
   Dual 10-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
More results

Similar Description - DAC1008D750HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1208D750 NXP-DAC1208D750 Datasheet
571Kb / 98P
   Dual 12-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-6 December 2010
DAC1408D750 NXP-DAC1408D750 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-2 December 2010
DAC1008D750 NXP-DAC1008D750_11 Datasheet
564Kb / 99P
   Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Rev. 2-5 January 2011
DAC1008D650 NXP-DAC1008D650 Datasheet
2Mb / 98P
   Dual 10-bit DAC up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 1-1 October 2010
DAC1008D650_1012 NXP-DAC1008D650_1012 Datasheet
568Kb / 98P
   Dual 10-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-17 December 2010
DAC1208D650 NXP-DAC1208D650 Datasheet
573Kb / 98P
   Dual 12-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-14 December 2010
DAC1405D750 NXP-DAC1405D750 Datasheet
324Kb / 43P
   Dual 14-bit DAC, up to 750 Msps; 4횞 and 8횞 interpolating
Rev. 01-10 March 2010
logo
Renesas Technology Corp
DAC1008D750 RENESAS-DAC1008D750 Datasheet
632Kb / 97P
   Dual 10-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1208D750 RENESAS-DAC1208D750 Datasheet
730Kb / 96P
   Dual 12-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1408D750 RENESAS-DAC1408D750 Datasheet
633Kb / 96P
   Dual 14-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com