Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA-2204 Datasheet(PDF) 2 Page - Tensility International Corp.

Part # CA-2204
Description  Cable, 1830 mm, 2.5 mm right angle stereo plug to stripped tinned, 24 AWG, round wire, shielded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

CA-2204 Datasheet(HTML) 2 Page - Tensility International Corp.

  CA-2204 Datasheet HTML 1Page - Tensility International Corp. CA-2204 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
part number:
description:
date:
unit:
page:
rev:
01/18/10
mm
A1
CA-2204
Cable, 1830 mm, 2.5 mm right angle stereo
plug to stripped tinned, 24 AWG, round
wire, shielded
tolerance
X: ±0.5 mm
.X: ±0.3 mm
.XX: ±0.05 mm
applicable unless otherwise indicated in specification or on drawings
ph 661.702.0035 fx 661.702.0038
29033 Avenue Sherman Ste 203 Valencia, CA 91355
www.tensility.com
Revision notes:
Rev
Date
Description
A
January 19, 2009 Re-issued; original specification issued by CUI, re-issued by Tensility
without any material or mechanical changes.
A1
January 18, 2010 plug description corrected
2 of 2


Similar Part No. - CA-2204

ManufacturerPart #DatasheetDescription
logo
Tensility International...
CA-2200 TENSILITY-CA-2200 Datasheet
256Kb / 2P
   Cable, 1830 mm, 5.5x2.5x10 mm, right angle dc plug to stripped tinned, 18 AWG, UL2468 zip cord
CA-2201 TENSILITY-CA-2201 Datasheet
126Kb / 2P
   Cable, 1830 mm, 2.5 mm mono plug to stripped tinned, 24 AWG, round wire, shielded
CA-2202 TENSILITY-CA-2202 Datasheet
100Kb / 2P
   Cable, 1830 mm, 2.5mm right angle mono plug to stripped tinned, 24 AWG, round wire, shielded
CA-2203 TENSILITY-CA-2203 Datasheet
95Kb / 2P
   Cable, 1830 mm, 2.5 mm stereo plug to stripped tinned 24 AWG, round wire, shielded
CA-2205 TENSILITY-CA-2205 Datasheet
102Kb / 2P
   Cable, 1830 mm, 3.5 mm mono plug to stripped tinned, 24 AWG, round wire, shielded
More results

Similar Description - CA-2204

ManufacturerPart #DatasheetDescription
logo
Tensility International...
CA-2203 TENSILITY-CA-2203 Datasheet
95Kb / 2P
   Cable, 1830 mm, 2.5 mm stereo plug to stripped tinned 24 AWG, round wire, shielded
CA-2208 TENSILITY-CA-2208 Datasheet
132Kb / 2P
   Cable, 1830 mm, 3.5 mm right angle stereo plug to stripped tinned, 24 AWG, round wire, shielded
CA-2201 TENSILITY-CA-2201 Datasheet
126Kb / 2P
   Cable, 1830 mm, 2.5 mm mono plug to stripped tinned, 24 AWG, round wire, shielded
CA-2207 TENSILITY-CA-2207 Datasheet
96Kb / 2P
   Cable, 1830 mm, 3.5mm stereo plug to stripped tinned, 24 AWG, round wire, shielded
CA-2202 TENSILITY-CA-2202 Datasheet
100Kb / 2P
   Cable, 1830 mm, 2.5mm right angle mono plug to stripped tinned, 24 AWG, round wire, shielded
CA-2206 TENSILITY-CA-2206 Datasheet
103Kb / 2P
   Cable, 1830 mm, 3.5mm right angle mono plug to stripped tinned, 24 AWG, round wire, shielded
CA-2205 TENSILITY-CA-2205 Datasheet
102Kb / 2P
   Cable, 1830 mm, 3.5 mm mono plug to stripped tinned, 24 AWG, round wire, shielded
10-00342 TENSILITY-10-00342 Datasheet
122Kb / 2P
   Cable, 1830 mm, 2.5 mm 50-00034 slim stereo plug to stripped tinned, 28 AWG, shielded
10-00333 TENSILITY-10-00333 Datasheet
322Kb / 2P
   Cable, 1830 mm, 2.5 mm 50-00084 slim stereo plug to stripped tinned, 28 AWG, shielded, white
10-00343 TENSILITY-10-00343 Datasheet
112Kb / 2P
   Cable, 1830 mm, 2.5 mm 50-00032 slim mono plug to stripped tinned, 28 AWG, shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com