Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA-2195 Datasheet(PDF) 2 Page - Tensility International Corp.

Part # CA-2195
Description  Cable, P14 to stripped/tinned ends, 6 feet, 24 AWG, zip cord
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

CA-2195 Datasheet(HTML) 2 Page - Tensility International Corp.

  CA-2195 Datasheet HTML 1Page - Tensility International Corp. CA-2195 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
part number:
description:
date:
unit:
page:
rev:
01/19/09
mm
A
CA-2195
Cable, P14 to stripped/tinned ends, 6 feet,
24 AWG, zip cord
tolerance
X: ±0.5 mm .X: ±0.25 mm .XX: ±0.05 mm
ph 661.702.0035 fx 661.702.0038
29033 Avenue Sherman Ste 203 Valencia, CA 91355
www.tensility.com
Revision notes:
Rev
Date
Description
A
January 19, 2009 Re-issued; original specification issued by CUI, re-issued by Tensility
without any material or mechanical changes.
2 of 2


Similar Part No. - CA-2195

ManufacturerPart #DatasheetDescription
logo
Tensility International...
CA-2191 TENSILITY-CA-2191 Datasheet
97Kb / 2P
   Cable, right angle P5 to stripped/tinned ends, 6 feet, 18 AWG zip cord
CA-2192 TENSILITY-CA-2192 Datasheet
111Kb / 2P
   Cable, 1830 mm, 2.35x0.7x9.5 mm dc plug to stripped tinned, 24 AWG, UL2468, zip cord
CA-2193 TENSILITY-CA-2193 Datasheet
100Kb / 2P
   Cable, P7 to stripped/tinned ends, 6 feet 24 AWG zip cord
CA-2194 TENSILITY-CA-2194 Datasheet
95Kb / 2P
   Cable, P13 to stripped/tinned ends, 6 feet 24 AWG zip cord
CA-2196 TENSILITY-CA-2196 Datasheet
97Kb / 2P
   Cable, right angle P12 to stripped/tinned ends, 6 fee,t 24 AWG, zip cord
More results

Similar Description - CA-2195

ManufacturerPart #DatasheetDescription
logo
Tensility International...
CA-2199 TENSILITY-CA-2199 Datasheet
97Kb / 2P
   Cable, right angle P14 to stripped/tinned ends, 6 feet, 24 AWG, zip cord
CA-2193 TENSILITY-CA-2193 Datasheet
100Kb / 2P
   Cable, P7 to stripped/tinned ends, 6 feet 24 AWG zip cord
CA-2194 TENSILITY-CA-2194 Datasheet
95Kb / 2P
   Cable, P13 to stripped/tinned ends, 6 feet 24 AWG zip cord
CA-2184 TENSILITY-CA-2184 Datasheet
148Kb / 2P
   Cable, P6 to stripped/tinned ends, 6 feet, 24 AWG zip cord
CA-2185 TENSILITY-CA-2185 Datasheet
98Kb / 2P
   Cable, P5 to stripped/tinned ends, 6 feet, 24 AWG zip cord
CA-2186 TENSILITY-CA-2186 Datasheet
98Kb / 2P
   Cable, P6 to stripped/tinned ends, 6 feet, 18 AWG zip cord
CA-2187 TENSILITY-CA-2187 Datasheet
98Kb / 2P
   Cable, P5 to stripped/tinned ends, 6 feet, 18 AWG zip cord
CA-2188 TENSILITY-CA-2188 Datasheet
109Kb / 2P
   Cable, right angle P6 to stripped/tinned ends, 6 feet, 24 AWG zip cord
CA-2189 TENSILITY-CA-2189 Datasheet
98Kb / 2P
   Cable, right angle P5 to stripped/tinned ends, 6 feet, 24 AWG zip cord
CA-2197 TENSILITY-CA-2197 Datasheet
98Kb / 2P
   Cable, right angle P7 to stripped/tinned ends, 6 feet, 24 AWG, zip cord
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com