Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB96F356YSBPMC-GSE2 Datasheet(PDF) 55 Page - Fujitsu Component Limited.

Part # MB96F356YSBPMC-GSE2
Description  16-bit Proprietary Microcontroller
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB96F356YSBPMC-GSE2 Datasheet(HTML) 55 Page - Fujitsu Component Limited.

Back Button MB96F356YSBPMC-GSE2 Datasheet HTML 51Page - Fujitsu Component Limited. MB96F356YSBPMC-GSE2 Datasheet HTML 52Page - Fujitsu Component Limited. MB96F356YSBPMC-GSE2 Datasheet HTML 53Page - Fujitsu Component Limited. MB96F356YSBPMC-GSE2 Datasheet HTML 54Page - Fujitsu Component Limited. MB96F356YSBPMC-GSE2 Datasheet HTML 55Page - Fujitsu Component Limited. MB96F356YSBPMC-GSE2 Datasheet HTML 56Page - Fujitsu Component Limited. MB96F356YSBPMC-GSE2 Datasheet HTML 57Page - Fujitsu Component Limited. MB96F356YSBPMC-GSE2 Datasheet HTML 58Page - Fujitsu Component Limited. MB96F356YSBPMC-GSE2 Datasheet HTML 59Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 110 page
background image
MB96350 Series
FME-MB96350 rev 7
55
*2: VI and VO should not exceed VCC + 0.3 V. VI should also not exceed the specified ratings. However if the
maximum current to/from a input is limited by some means with external components, the ICLAMP rating super-
sedes the VI rating. Input/output voltages of standard ports depend on VCC.
*3:
• Applicable to all general purpose I/O pins (Pnn_m)
• Use within recommended operating conditions.
• Use at DC voltage (current)
• The +B signal should always be applied a limiting resistance placed between the +B signal and the
microcontroller.
• The value of the limiting resistance should be set so that when the +B signal is applied the input current to
the microcontroller pin does not exceed rated values, either instantaneously or for prolonged periods.
• Note that when the microcontroller drive current is low, such as in the power saving modes, the +B input
potential may pass through the protective diode and increase the potential at the VCC pin, and this may affect
other devices.
• Note that if a +B signal is input when the microcontroller power supply is off (not fixed at 0 V), the power
supply is provided from the pins, so that incomplete operation may result.
• Note that if the +B input is applied during power-on, the power supply is provided from the pins and the resulting
supply voltage may not be sufficient to operate the Power reset (except devices with persistent low voltage
reset in internal vector mode).
• Sample recommended circuits:
*4: The maximum permitted power dissipation depends on the ambient temperature, the air flow velocity and the
thermal conductance of the package on the PCB.
The actual power dissipation depends on the customer application and can be calculated as follows:
PD = PIO + PINT
PIO =
∑ (VOL * IOL + VOH * IOH) (IO load power dissipation, sum is performed on all IO ports)
PINT = VCC * (ICC + IA) (internal power dissipation)
ICC is the total core current consumption into VCC as described in the “DC characteristics” and depends on the
selected operation mode and clock frequency and the usage of functions like Flash programming or the clock
modulator.
IA is the analog current consumption into AVCC.
*5: Worst case value for a package mounted on single layer PCB at specified TA without air flow.
*6: Please contact Fujitsu for reliability limitations when using under these conditions.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
P-ch
N-ch
VCC
R
Protective Diode
Limiting
resistance
+B input (0V to 16V)


Similar Part No. - MB96F356YSBPMC-GSE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB96F356YSAPMC-GE2 FUJITSU-MB96F356YSAPMC-GE2 Datasheet
2Mb / 159P
   16-bit Proprietary Microcontroller
MB96F356YSAPMC1-GE2 FUJITSU-MB96F356YSAPMC1-GE2 Datasheet
2Mb / 159P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB96F356YSBPMC-GSE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com