Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB96F356YSBPMC-GSE2 Datasheet(PDF) 41 Page - Fujitsu Component Limited.

Part # MB96F356YSBPMC-GSE2
Description  16-bit Proprietary Microcontroller
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB96F356YSBPMC-GSE2 Datasheet(HTML) 41 Page - Fujitsu Component Limited.

Back Button MB96F356YSBPMC-GSE2 Datasheet HTML 37Page - Fujitsu Component Limited. MB96F356YSBPMC-GSE2 Datasheet HTML 38Page - Fujitsu Component Limited. MB96F356YSBPMC-GSE2 Datasheet HTML 39Page - Fujitsu Component Limited. MB96F356YSBPMC-GSE2 Datasheet HTML 40Page - Fujitsu Component Limited. MB96F356YSBPMC-GSE2 Datasheet HTML 41Page - Fujitsu Component Limited. MB96F356YSBPMC-GSE2 Datasheet HTML 42Page - Fujitsu Component Limited. MB96F356YSBPMC-GSE2 Datasheet HTML 43Page - Fujitsu Component Limited. MB96F356YSBPMC-GSE2 Datasheet HTML 44Page - Fujitsu Component Limited. MB96F356YSBPMC-GSE2 Datasheet HTML 45Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 110 page
background image
MB96350 Series
FME-MB96350 rev 7
41
0006E2H
External Bus - Area configuration register 1 Low
EACL1
EAC1
R/W
0006E3H
External Bus - Area configuration register 1 High
EACH1
R/W
0006E4H
External Bus - Area configuration register 2 Low
EACL2
EAC2
R/W
0006E5H
External Bus - Area configuration register 2 High
EACH2
R/W
0006E6H
External Bus - Area configuration register 3 Low
EACL3
EAC3
R/W
0006E7H
External Bus - Area configuration register 3 High
EACH3
R/W
0006E8H
External Bus - Area configuration register 4 Low
EACL4
EAC4
R/W
0006E9H
External Bus - Area configuration register 4 High
EACH4
R/W
0006EAH
External Bus - Area configuration register 5 Low
EACL5
EAC5
R/W
0006EBH
External Bus - Area configuration register 5 High
EACH5
R/W
0006ECH
External Bus - Area select register 2
EAS2
R/W
0006EDH
External Bus - Area select register 3
EAS3
R/W
0006EEH
External Bus - Area select register 4
EAS4
R/W
0006EFH
External Bus - Area select register 5
EAS5
R/W
0006F0H
External Bus - Mode register
EBM
R/W
0006F1H
External Bus - Clock and Function register
EBCF
R/W
0006F2H
External Bus - Address output enable register 0
EBAE0
R/W
0006F3H
External Bus - Address output enable register 1
EBAE1
R/W
0006F4H
External Bus - Address output enable register 2
EBAE2
R/W
0006F5H
External Bus - Control signal register
EBCS
R/W
0006F6H-
0007FFH
Reserved
-
000800H
CAN1 - Control register Low
CTRLRL1
CTRLR1
R/W
000801H
CAN1 - Control register High (reserved)
CTRLRH1
R
000802H
CAN1 - Status register Low
STATRL1
STATR1
R/W
000803H
CAN1 - Status register High (reserved)
STATRH1
R
000804H
CAN1 - Error Counter Low (Transmit)
ERRCNTL1
ERRCNT1
R
000805H
CAN1 - Error Counter High (Receive)
ERRCNTH1
R
000806H
CAN1 - Bit Timing Register Low
BTRL1
BTR1
R/W
000807H
CAN1 - Bit Timing Register High
BTRH1
R/W
I/O map MB96(F)35x (22 of 28)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access


Similar Part No. - MB96F356YSBPMC-GSE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB96F356YSAPMC-GE2 FUJITSU-MB96F356YSAPMC-GE2 Datasheet
2Mb / 159P
   16-bit Proprietary Microcontroller
MB96F356YSAPMC1-GE2 FUJITSU-MB96F356YSAPMC1-GE2 Datasheet
2Mb / 159P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB96F356YSBPMC-GSE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com