Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90598G Datasheet(PDF) 14 Page - Fujitsu Component Limited.

Part # MB90598G
Description  16-bit Proprietary Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90598G Datasheet(HTML) 14 Page - Fujitsu Component Limited.

Back Button MB90598G Datasheet HTML 10Page - Fujitsu Component Limited. MB90598G Datasheet HTML 11Page - Fujitsu Component Limited. MB90598G Datasheet HTML 12Page - Fujitsu Component Limited. MB90598G Datasheet HTML 13Page - Fujitsu Component Limited. MB90598G Datasheet HTML 14Page - Fujitsu Component Limited. MB90598G Datasheet HTML 15Page - Fujitsu Component Limited. MB90598G Datasheet HTML 16Page - Fujitsu Component Limited. MB90598G Datasheet HTML 17Page - Fujitsu Component Limited. MB90598G Datasheet HTML 18Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
MB90595G Series
14
DS07-13705-7E
(12) Initialization
The device contains internal registers which are initialized only by a power-on reset. To initialize these registers,
please turn on the power again.
(13) Directions of “DIV A, Ri” and “DIVW A, RWi” instructions
In the signed multiplication and division instructions (“DIV A, Ri” and “DIVW A, RWi”), the value of the corre-
sponding bank register (DTB, ADB, USB, SSB) is set in “00H”.
If the values of the corresponding bank register (DTB,ADB,USB,SSB) are set to other than “00H”, the remainder
by the execution result of the instruction is not stored in the register of the instruction operand.
(14) Using REALOS
The use of EI2OS is not possible with the REALOS real time operating system.
(15) Caution on Operations during PLL Clock Mode
If the PLL clock mode is selected in the microcontroller, it may attempt to continue the operation using the free-
running frequency of the automatic oscillating circuit in the PLL circuitry even if the oscillator is out of place or
the clock input is stopped. Performance of this operation, however, cannot be guaranteed.
Oscillation setting time∗2
Power-on reset∗1
Vcc (Power-supply pin)
PONR (power-on reset) signal
RST (external asynchronous reset) signal
RST (internal reset) signal
Oscillation clock signal
KA (internal operation clock A) signal
KB (internal operation clock B) signal
PORT (port output) signal
High-impedance
*1:Power-on reset time: Period of “clock frequency
× 217” (Clock frequency of 16 MHz: 8.19 ms)
*2:Oscillation setting time: Period of “clock frequency
× 218” (Clock frequency of 16 MHz: 16.38ms)
RST pin is “L”


Similar Part No. - MB90598G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB90598G CYPRESS-MB90598G Datasheet
518Kb / 52P
   CMOS 16-bit Proprietary Microcontroller
logo
Fujitsu Component Limit...
MB90598GPF FUJITSU-MB90598GPF Datasheet
613Kb / 52P
   16-bit Proprietary Microcontroller
logo
Cypress Semiconductor
MB90598GPF CYPRESS-MB90598GPF Datasheet
518Kb / 52P
   CMOS 16-bit Proprietary Microcontroller
More results

Similar Description - MB90598G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com