Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90483CPMC Datasheet(PDF) 90 Page - Fujitsu Component Limited.

Part # MB90483CPMC
Description  16-bit Microcontroller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90483CPMC Datasheet(HTML) 90 Page - Fujitsu Component Limited.

Back Button MB90483CPMC Datasheet HTML 86Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 87Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 88Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 89Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 90Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 91Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 92Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 93Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 94Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 124 page
background image
MB90480B/485B Series
90
DS07-13722-11E
3.6
2.7
3.0
4
1.5
16
25
16
12
25
8
4
34
8
12.5
16
25
20
32
50
20
6
1.5
9
18
24
5 6
10
40
Range of warranted PLL operation
Normal operating range
Internal clock fCP (MHz)
Internal operating clock frequency vs. Power supply voltage
Base oscillator frequency vs. Internal operating clock frequency
Base oscillator clock FCH (MHz)
• Range of warranted PLL operation
Notes:
• For A/D operating frequency, refer to “5. A/D Converter Electrical Characteristics”
• Only at 1 multiplied PLL, use with more than fCP = 4 MHz.
No multiplied
*1 : In setting as 1, 2, 3 and 4 multiplied PLL, when the internal clock is used at 20 MHz < fCP
≤ 25 MHz, set
the PLLOS register to “DIV2 bit
= 1” and “PLL2 bit = 1”.
[Example]
When using the base oscillator frequency of 24 MHz at 1 multiplied PLL :
CKSCR register : CS1 bit
= “0”, CS0 bit = “0”
PLLOS register : PLL2 bit
= “1”
[Example]
When using the base oscillator frequency of 6 MHz at 3 multiplied PLL :
CKSCR register : CS1 bit
= “1”, CS0 bit = “0”
PLLOS register : PLL2 bit
= “1”
*2 : In setting as 2 and 4 multiplied PLL, when the internal clock is used at 20 MHz < fCP
≤ 25 MHz, the following
setting is also enabled.
2 multiplied PLL :
CKSCR register : CS1 bit
= “0”, CS0 bit = “0”
PLLOS register : PLL2 bit
= “1”
4 multiplied PLL :
CKSCR register : CS1 bit
= “0”, CS0 bit = “1”
PLLOS register : PLL2 bit
= “1”
*3 : When using in setting as 6 and 8 multiplied PLL, set the PLLOS register to “DIV2 bit
= 0” and “PLL2 bit = 1”.
[Example]
When using the base oscillator frequency of 4 MHz at 6 multiplied PLL :
CKSCR register : CS1 bit
= “1”, CS0 bit = “0”
PLLOS register : PLL2 bit
= “1”
[Example]
When using the base oscillator frequency of 3 MHz at 8 multiplied PLL :
CKSCR register : CS1 bit
= “1”, CS0 bit = “1”
PLLOS register : PLL2 bit
= “1”
1
× *1
2
× *1,*2
3
× *1
4
×
*1,*2
6
× *3
8
× *3


Similar Part No. - MB90483CPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90483CPMC FUJITSU-MB90483CPMC Datasheet
629Kb / 124P
   16-bit Microcontroller
More results

Similar Description - MB90483CPMC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com