Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90483CPMC Datasheet(PDF) 75 Page - Fujitsu Component Limited.

Part # MB90483CPMC
Description  16-bit Microcontroller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90483CPMC Datasheet(HTML) 75 Page - Fujitsu Component Limited.

Back Button MB90483CPMC Datasheet HTML 71Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 72Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 73Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 74Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 75Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 76Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 77Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 78Page - Fujitsu Component Limited. MB90483CPMC Datasheet HTML 79Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 124 page
background image
MB90480B/485B Series
DS07-13722-11E
75
19. Chip Select Function Description
The chip select module generates a chip select signals, which are used to facilitate connections to external
memory devices. The MB90480B/485B series has four chip select output pins, each having a chip select area
register setting that specifies the corresponding hardware area and select signal that is output when access to
the corresponding external address is detected.
• Chip select function features
The chip select function uses two 8-bit registers for each output pin. One of these registers (CARx) is able to
detect memory areas in 64 Kbytes units by specifying the upper 8-bit of the address for match detection. The
other register (CMRx) can be used to expand the detection area beyond 64 Kbytes by masking bits for match
detection.
Note that during external bus holds, the CS output is set to high impedance.
(1) Register List
Chip select area mask registers (CMRx)
Chip select area registers (CARx)
Chip select control register (CSCR)
Chip select active level register (CALR)
0000C0H
0000C2H
0000C4H
0000C6H
Read/write
Initial value
0000C1H
0000C3H
0000C5H
0000C7H
Read/write
Initial value
0000C8H
Read/write
Initial value
0000C9H
Read/write
Initial value
CMR1
CMR0
CAR0
R/W
R/W
CAR1
15
0
CMR3
CMR2
CAR2
R/W
R/W
CAR3
CSCR
R/W
CALR
87
R/W
0
R/W
0
R/W
0
R/W
1
R/W
1
R/W
1
R/W
1
76
5
4
3
2
1
0
M6
R/W
0
M7
M5
M4
M3
M2
M1
M0
R/W
1
R/W
1
R/W
1
R/W
1
R/W
1
R/W
1
R/W
1
15
14
13
12
11
10
9
8
A6
R/W
1
A7
A5
A4
A3
A2
A1
A0
R/W
0
R/W
0
R/W
0
R/W
*
76
5
4
3
2
1
0
⎯⎯
OPL3
OPL2
OPL1
OPL0
R/W
0
R/W
0
R/W
0
R/W
0
15
14
13
12
11
10
9
8
⎯⎯
ACTL3
ACTL2
ACTL1
ACTL0
* : The initial value of this bit is “1” or “0”.
The value depends on the mode pin (MD2, MD1 and MD0) .


Similar Part No. - MB90483CPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90483CPMC FUJITSU-MB90483CPMC Datasheet
629Kb / 124P
   16-bit Microcontroller
More results

Similar Description - MB90483CPMC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com