Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90590G Datasheet(PDF) 36 Page - Fujitsu Component Limited.

Part # MB90590G
Description  16-bit Proprietary Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90590G Datasheet(HTML) 36 Page - Fujitsu Component Limited.

Back Button MB90590G Datasheet HTML 32Page - Fujitsu Component Limited. MB90590G Datasheet HTML 33Page - Fujitsu Component Limited. MB90590G Datasheet HTML 34Page - Fujitsu Component Limited. MB90590G Datasheet HTML 35Page - Fujitsu Component Limited. MB90590G Datasheet HTML 36Page - Fujitsu Component Limited. MB90590G Datasheet HTML 37Page - Fujitsu Component Limited. MB90590G Datasheet HTML 38Page - Fujitsu Component Limited. MB90590G Datasheet HTML 39Page - Fujitsu Component Limited. MB90590G Datasheet HTML 40Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
MB90590G Series
36
DS07-13704-6E
■ ELECTRICAL CHARACTERISTICS
1.
Absolute Maximum Ratings
(VSS = AVSS = 0.0 V)
*1 : AVCC, AVRH, AVRL and DVCC shall not exceed VCC. AVRH and AVRL shall not exceed AVCC.
Also, AVRL shall not exceed AVRH.
*2 : VI and VO should not exceed VCC + 0.3V. VI should not exceed the specified ratings. However if the maximum
current to/from an input is limited by some means with external components, the ICLAMP rating supersedes the
VI rating.
*3 : The maximum output current is a peak value for a corresponding pin.
*4 : Average output current is an average current value observed for a 100 ms period for a corresponding pin.
*5 : Total average current is an average current value observed for a 100 ms period for all corresponding pins.
(Continued)
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage
VCC
VSS
− 0.3 VSS + 6.0
V
AVCC
VSS
− 0.3 VSS + 6.0
V
VCC
= AVCC
*1
AVRH,
AVRL
VSS
− 0.3 VSS + 6.0
V
AVCC
≥ AVRH/L, AVRH ≥ AVRL
*1
DVCC
VSS
− 0.3 VSS + 6.0
V
VCC
≥ DVCC
Input voltage
VI
VSS
− 0.3 VSS + 6.0
V
*2
Output voltage
VO
VSS
− 0.3 VSS + 6.0
V
*2
Max clamp current
ICLAMP
−2.0
+ 2.0
mA
*6
Total Max clamp current
| ICLAMP |—
20
mA
*6
“L” level Max output current
IOL1
15
mA
Normal output
*3
“L” level avg. output current
IOLAV1
4
mA
Normal output, average value
*4
“L” level Max output current
IOL2
40
mA
High current output
*3
“L” level avg. output current
IOLAV2
30
mA
High current output, average value
*4
“L” level
Max overall output current
∑IOL1
100
mA
Total normal output
“L” level
Max overall output current
∑IOL2
330
mA
Total high current output
“L” level avg. overall output current
∑IOLAV1
50
mA
Total normal output, average value
*5
“L” level avg. overall output current
∑IOLAV2
250
mA
Total high current output, average value
*5
“H” level Max output current
IOH1
–15
mA
Normal output
*3
“H” level avg. output current
IOHAV1
–4
mA
Normal output, average value
*4
“H” level Max output current
IOH2
–40
mA
High current output
*3
“H” level avg. output current
IOHAV2
–30
mA
High current output, average value
*4
“H” level
Max overall output current
∑IOH1
–100
mA
Total normal output
“H” level
Max overall output current
∑IOH2
–330
mA
Total high current output
“H” level avg. overall output current
∑IOHAV1
–50
mA
Total normal output, average value
*5
“H” level avg. overall output current
∑IOHAV2
–250
mA
Total high current output, average value
*5
Power consumption
PD
—500
mW
MB90F594G, MB90F591G
400
mW
MB90594G, MB90591G
Operating temperature
TA
–40
+85
°C
Storage temperature
TSTG
–55
+150
°C


Similar Part No. - MB90590G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90590 FUJITSU-MB90590 Datasheet
8Mb / 502P
   16-BIT MICROCONTROLLER HARDWARE MANUAL
More results

Similar Description - MB90590G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com