Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90483CPF Datasheet(PDF) 97 Page - Fujitsu Component Limited.

Part # MB90483CPF
Description  16-bit Microcontroller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90483CPF Datasheet(HTML) 97 Page - Fujitsu Component Limited.

Back Button MB90483CPF Datasheet HTML 93Page - Fujitsu Component Limited. MB90483CPF Datasheet HTML 94Page - Fujitsu Component Limited. MB90483CPF Datasheet HTML 95Page - Fujitsu Component Limited. MB90483CPF Datasheet HTML 96Page - Fujitsu Component Limited. MB90483CPF Datasheet HTML 97Page - Fujitsu Component Limited. MB90483CPF Datasheet HTML 98Page - Fujitsu Component Limited. MB90483CPF Datasheet HTML 99Page - Fujitsu Component Limited. MB90483CPF Datasheet HTML 100Page - Fujitsu Component Limited. MB90483CPF Datasheet HTML 101Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 124 page
background image
MB90480B/485B Series
DS07-13722-11E
97
(6) Bus Write Timing
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = 0 °C to +70 °C)
* : tCP is internal operating clock cycle time. Refer to “ (1) Clock Timing”.
Parameter
Sym-
bol
Pin name
Condi-
tion
Value
Unit
Remarks
Min
Max
Valid address
→ WR↓ time
tAVWL
Address, WR
tCP*
− 15
ns
WR pulse width
tWLWH
WRL, WRH
3 tCP*
/ 2 − 25
ns
16 MHz < fCP
25 MHz
3 tCP*
/ 2 − 20
ns
8 MHz < fCP
16 MHz
Valid data output
→ WR↑ time tDVWH
Data, WR
3 tCP*
/ 2 − 15
ns
WR
↑ → data hold time
tWHDX
WR,
Data
10
ns
16 MHz < fCP
25 MHz
20
ns
8 MHz < fCP
16 MHz
30
ns
fCP
≤ 8 MHz
WR
↑ → address valid time
tWHAX
WR, Address
tCP*
/ 2 − 10
ns
WR
↑ → ALE↑ time
tWHLH
WR, ALE
tCP*
/ 2 − 15
ns
WR
↓ → CLK↑ time
tWLCH
WR, CLK
tCP*
/ 2 − 17
ns


Similar Part No. - MB90483CPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90483CPF FUJITSU-MB90483CPF Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90483CPF FUJITSU-MB90483CPF Datasheet
629Kb / 124P
   16-bit Microcontroller
MB90483CPFV FUJITSU-MB90483CPFV Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90483CPF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com