Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90483CPF Datasheet(PDF) 41 Page - Fujitsu Component Limited.

Part # MB90483CPF
Description  16-bit Microcontroller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90483CPF Datasheet(HTML) 41 Page - Fujitsu Component Limited.

Back Button MB90483CPF Datasheet HTML 37Page - Fujitsu Component Limited. MB90483CPF Datasheet HTML 38Page - Fujitsu Component Limited. MB90483CPF Datasheet HTML 39Page - Fujitsu Component Limited. MB90483CPF Datasheet HTML 40Page - Fujitsu Component Limited. MB90483CPF Datasheet HTML 41Page - Fujitsu Component Limited. MB90483CPF Datasheet HTML 42Page - Fujitsu Component Limited. MB90483CPF Datasheet HTML 43Page - Fujitsu Component Limited. MB90483CPF Datasheet HTML 44Page - Fujitsu Component Limited. MB90483CPF Datasheet HTML 45Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 124 page
background image
MB90480B/485B Series
DS07-13722-11E
41
4.
8/10-bit A/D Converter
The A/D converter converts analog input voltage to digital values, and provides the following features.
• Conversion time : minimum 3.68
μs per channel
(92 machine cycles at 25 MHz machine clock, including sampling time)
• Sampling time : minimum 1.92
μs per channel
(48 machine cycles at 25 MHz machine clock)
• RC sequential comparison conversion method, with sample & hold circuit.
• 8-bit or 10-bit resolution
• Analog input selection of 8 channels
Single conversion mode : Conversion from one selected channel.
Scan conversion mode : Conversion from multiple consecutive channels, programmable selection of up to
8 channels.
Continuous conversion mode : Repeated conversion of specified channels.
Stop conversion mode : Conversion from one channel followed by a pause until the next activation allows to
synchronize with conversion start.
• At the end of A/D conversion, an A/D conversion completed interrupt request can be generated to the CPU.
The interrupt can be used activate the
μDMAC in order to transfer the results of A/D conversion to memory
for efficient continuous processing.
• The starting factor conversion may be selected from software, external trigger (falling edge) , or timer (rising
edge) .
(1) Register List
ADCS2, ADCS1 (Control status register)
ADCR2, ADCR1 (Data register)
ADCS1
Address : 000046H
← Initial value
← Bit attributes
ADCS2
Address : 000047H
← Initial value
← Bit attributes
ADCR1
Address : 000048H
← Initial value
← Bit attributes
ADCR2
Address : 000049H
← Initial value
← Bit attributes
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
76
5
4
3
2
1
0
MD0
0
R/W
MD1
ANS2
ANS1
ANS0
ANE2
ANE1
ANE0
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
W
0
R/W
15
14
13
12
11
10
9
8
INT
0
R/W
BUSY
INTE
PAUS
STS1
STS0
STRT
Reserved
X
R
X
R
X
R
X
R
X
R
X
R
X
R
76
5
4
3
2
1
0
D6
X
R
D7
D5
D4
D3
D2
D1
D0
0
W
0
W
0
W
0
W
X
R
X
R
X
R
15
14
13
12
11
10
9
8
ST1
0
W
S10
ST0
CT1
CT0
D9
D8


Similar Part No. - MB90483CPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90483CPF FUJITSU-MB90483CPF Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90483CPF FUJITSU-MB90483CPF Datasheet
629Kb / 124P
   16-bit Microcontroller
MB90483CPFV FUJITSU-MB90483CPFV Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90483CPF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com