Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90488BPF Datasheet(PDF) 74 Page - Fujitsu Component Limited.

Part # MB90488BPF
Description  16-bit Microcontroller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90488BPF Datasheet(HTML) 74 Page - Fujitsu Component Limited.

Back Button MB90488BPF Datasheet HTML 70Page - Fujitsu Component Limited. MB90488BPF Datasheet HTML 71Page - Fujitsu Component Limited. MB90488BPF Datasheet HTML 72Page - Fujitsu Component Limited. MB90488BPF Datasheet HTML 73Page - Fujitsu Component Limited. MB90488BPF Datasheet HTML 74Page - Fujitsu Component Limited. MB90488BPF Datasheet HTML 75Page - Fujitsu Component Limited. MB90488BPF Datasheet HTML 76Page - Fujitsu Component Limited. MB90488BPF Datasheet HTML 77Page - Fujitsu Component Limited. MB90488BPF Datasheet HTML 78Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 124 page
background image
MB90480B/485B Series
74
DS07-13722-11E
18. External Bus Pin Control Circuit
The external bus pin control circuit controls the external bus pins used to expand the CPU address/data bus
connections to external circuits.
(1) Register List
(2) Block Diagram
• Auto ready function select register (ARSR)
• External address output control register (HACR)
• Bus control signal select register (EPCR)
Initial value
Address : 0000A5H
0011--00B
Initial value
Address : 0000A6H
********B
Initial value
Address : 0000A7H
1000*10-B
W
*
: Write only
: Not used
: May be either “1” or “0”
WW
W
⎯⎯
WW
15
14
13
12
11
10
9
8
IOR0
W
IOR1
HMR1
HMR0
⎯⎯
LMR1
LMR0
W
W
W
W
WWW
76
5
4
3
2
1
0
E22
W
E23
E21
E20
E19
E18
E17
E16
WW
W
W
W
W
15
14
13
12
11
10
9
8
RYE
W
CKE
HDE
IOBS
HMBS
WRE
LMBS
P3
P2
P1
P0
P0
P5
RB
P4
P5
Data control
Address control
Access control
P0 data
P0 direction
Access control


Similar Part No. - MB90488BPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90488BPF FUJITSU-MB90488BPF Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90488BPF FUJITSU-MB90488BPF Datasheet
629Kb / 124P
   16-bit Microcontroller
MB90488BPFV FUJITSU-MB90488BPFV Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90488BPF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com